Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDP13N50 Datasheet (PDF) - MagnaChip Semiconductor.

MDP13N50 Datasheet PDF - MagnaChip Semiconductor.
Part # MDP13N50
Download  MDP13N50 Download
File Size   851.29 Kbytes
Page   6 Pages
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.
Description N-Channel MOSFET 500V, 13.0A, 0.5(ohm)

MDP13N50 Datasheet (PDF)

Go To PDF Page Download Datasheet
MDP13N50 Datasheet PDF - MagnaChip Semiconductor.

Part # MDP13N50
Download  MDP13N50 Click to download

File Size   851.29 Kbytes
Page   6 Pages
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.
Description N-Channel MOSFET 500V, 13.0A, 0.5(ohm)

MDP13N50 Datasheet (HTML) - MagnaChip Semiconductor.


MDP13N50 Product details

General Description
The MDP13N50 uses advanced Magnachip’s MOSFET Technology, which provides low on state resistance, high switching performance and excellent quality. MDP13N50 is suitable device for SMPS, HID and general purpose applications.

Features
■ VDS = 500V
■ ID = 13.0A @VGS = 10V
■ RDS(ON) < 0.5Ω @VGS = 10V

Applications
■ Power Supply
■ HID
■ Lighting




Similar Part No. - MDP13N50

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDP13N50B MGCHIP-MDP13N50B Datasheet
1Mb / 8P
N-Channel MOSFET 500V, 13.0 A, 0.5(ohm)
MDP13N50BTH MGCHIP-MDP13N50BTH Datasheet
1Mb / 8P
N-Channel MOSFET 500V, 13.0 A, 0.5(ohm)
logo
Inchange Semiconductor ...
MDP13N50BTH ISC-MDP13N50BTH Datasheet
332Kb / 2P
isc N-Channel MOSFET Transistor
logo
MagnaChip Semiconductor...
MDP13N50G MGCHIP-MDP13N50G Datasheet
1Mb / 8P
N-Channel MOSFET 500V, 13.0A, 0.5(ohm)
MDP13N50GTH MGCHIP-MDP13N50GTH Datasheet
1Mb / 8P
N-Channel MOSFET 500V, 13.0A, 0.5(ohm)
More results


Similar Description - MDP13N50

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDF13N50 MGCHIP-MDF13N50 Datasheet
837Kb / 6P
N-Channel MOSFET 500V, 13.0 A, 0.5(ohm)
MDFS13N50G MGCHIP-MDFS13N50G Datasheet
1Mb / 6P
N-Channel MOSFET 500V, 13.0A, 0.5(ohm)
MDP12N50B MGCHIP-MDP12N50B Datasheet
1Mb / 8P
N-Channel MOSFET 500V, 11.5A, 0.65(ohm)
MDP13N50B MGCHIP-MDP13N50B Datasheet
1Mb / 8P
N-Channel MOSFET 500V, 13.0 A, 0.5(ohm)
MDP13N50G MGCHIP-MDP13N50G Datasheet
1Mb / 8P
N-Channel MOSFET 500V, 13.0A, 0.5(ohm)
MDQ16N50G MGCHIP-MDQ16N50G Datasheet
871Kb / 6P
N-Channel MOSFET 500V, 16.5A, 0.35(ohm)
MDQ18N50G MGCHIP-MDQ18N50G Datasheet
975Kb / 6P
N-Channel MOSFET 500V, 20.0A, 0.27(ohm)
MDQ23N50D MGCHIP-MDQ23N50D Datasheet
842Kb / 6P
N-Channel MOSFET 500V, 23.0A, 0.245(ohm)
MMD50R380P MGCHIP-MMD50R380P Datasheet
1Mb / 10P
500V 0.38(ohm) N-channel MOSFET
MMF50R280P MGCHIP-MMF50R280P Datasheet
1Mb / 10P
500V 0.28(ohm) N-channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com