Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47N252 Datasheet (PDF) - SMSC Corporation

LPC47N252 Datasheet PDF - SMSC Corporation
Part # LPC47N252
Download  LPC47N252 Download
File Size   44.71 Kbytes
Page   4 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description Advanced Notebook I/O Controller with On-Board FLASH

LPC47N252 Datasheet (PDF)

Go To PDF Page Download Datasheet
LPC47N252 Datasheet PDF - SMSC Corporation

Part # LPC47N252
Download  LPC47N252 Click to download

File Size   44.71 Kbytes
Page   4 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description Advanced Notebook I/O Controller with On-Board FLASH

LPC47N252 Datasheet (HTML) - SMSC Corporation


LPC47N252 Product details

GENERAL DESCRIPTION
The LPC47N252 is a 208-pin 3.3V LPC-based ACPI 1.1 and PC99/PC2001 compliant Notebook I/O Controller with Fast Infrared for mobile applications.

FEATURES
■ 3.3V Operation with 5V Tolerant Buffers
■ ACPI 1.1, PC99/PC2001 Compliant
■ LPC Interface with Clock Run Support
    − Serial IRQ Interface Compatible with Serialized IRQ Support for PCI Systems
    − 15 Direct IRQs
    − Four 8-Bit DMA Channels
    − ACPI SCI Interface
    − nSMI
    − Shadowed write only registers
■ Internal 64K Flash ROM
    − Programmed From Direct Parallel Interface, 8051, or LPC Host
    − 2k-Byte Lockable Boot Block
    − Can be Programmed Without 8051 Intervention
■ Three Power Planes
    − Low Standby Current in Sleep Mode
    − Intelligent Auto Power Management for Super I/O
■ ACPI Embedded Controller Interface
■ Configuration Register Set Compatible with ISA Plug-and-Play Standard (Version 1.0a)
■ High-Performance Embedded 8051 Keyboard and System Controller
    − Provides System Power Management
    − System Watch Dog Timer (WDT)
    − 8042 Style Host Interface
    − Supports Interrupt and Polling Access
    − 256 Bytes Data RAM
    − On-Chip Memory-Mapped Control Registers
    − Access to RTC and CMOS Registers
    − Up to 16x8 Keyboard Scan Matrix
    − Two 16 Bit Timer/Counters
    − Integrated Full-Duplex Serial Port Interface
    − Eleven 8051 Interrupt Sources
    − Thirty-Two 8-Bit, Host/8051 Mailbox Registers
    − Thirty-six Maskable Hardware Wake-Up Events
    − Fast GATEA20
    − Fast CPU_RESET
    − Multiple Clock Sources and Operating Frequencies
    − IDLE and SLEEP Modes
    − Fail-Safe Ring Oscillator
■ Advanced Infrared Communications Controller (IrCC 2.0)
    − IrDA V1.2 (4Mbps), HPSIR, ASKIR, Consumer IR Support
    − Two IR Ports
    − Relocatable Base I/O Address
■ Real-Time Clock
    − MC146818 and DS1287 Compatible
    − 256 Bytes of Battery Backed CMOS in Two 128-Byte Banks
    − 128 Bytes of CMOS RAM Lockable in 4x32 Byte Blocks
    − 12 and 24 Hour Time Format
    − Binary and BCD Format
    − <2µA Standby Current (typ)
■ Two 8584-Style ACCESS.Bus Controllers
    − 8051 Controlled Logic Allows ACCESS.Bus Master or Slave Operation
    − ACCESS.Bus Controllers are Fully Operational on Standby Power
    − 2 Sets of Dedicated Pins per ACCESS.Bus Controller
■ Four independent Hardware Driven PS/2 Ports
■ 83 General Purpose I/O Pins
    − 36 Maskable Hardware Wake-Event Capable
    − 18 Programmable Open-Drain/Push-Pull Outputs
    − 16 Mapped into 8051 SFR Space
    − 24 LPC/8051-Addressable
■ Three Programmable Pulse-Width Modulator Outputs
    − Independent Clock Rates
    − 6 Bit Duty Cycle Granularity
    − VCC1 and VCC2 operation mode
■ Dual Fan Tachometer Inputs
(Continue ...)




Similar Part No. - LPC47N252

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LPC47N207 SMSC-LPC47N207 Datasheet
186Kb / 4P
LPC Super I/O IrDA Hot Docking Chip with UART
LPC47N207-JV SMSC-LPC47N207-JV Datasheet
186Kb / 4P
LPC Super I/O IrDA Hot Docking Chip with UART
LPC47N217 SMSC-LPC47N217 Datasheet
150Kb / 5P
64 - PIN SUPUR I/O WITH LPC INTERFACE
LPC47N217 SMSC-LPC47N217 Datasheet
94Kb / 5P
64-Pin Super I/O with LPC Interface
LPC47N217-JN SMSC-LPC47N217-JN Datasheet
150Kb / 5P
64 - PIN SUPUR I/O WITH LPC INTERFACE
More results


Similar Description - LPC47N252

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
82093AA INTEL-82093AA Datasheet
178Kb / 20P
I/O ADVANCED PROGRAMMABLE INTERRUPT CONTROLLER (IOAPIC)
logo
SMSC Corporation
LPC47M172 SMSC-LPC47M172 Datasheet
1Mb / 227P
ADVANCED I/O CONTROLLER WITH MOTHERBOARD GLUE LOGIC
FDC37N972 SMSC-FDC37N972 Datasheet
1Mb / 390P
Advanced Notebook I/O Controller with Enhanced Keyboard Control and System Management
LPC47M182 SMSC-LPC47M182 Datasheet
1Mb / 223P
ADVANCED I/O CONTROLLER WITH MOTHERBOARD GLUE LOGIC
logo
List of Unclassifed Man...
FDC37N958FR ETC1-FDC37N958FR Datasheet
999Kb / 316P
Notebook I/O Controller with Enhanced Keyboard and System Control
logo
SMSC Corporation
LPC47M172 SMSC-LPC47M172_07 Datasheet
1Mb / 226P
Advanced I/O Controller with Motherboard GLUE Logic
LPC47M182 SMSC-LPC47M182_07 Datasheet
95Kb / 5P
Advanced I/O Controller with Motherboard GLUE Logic
LPC47S45X SMSC-LPC47S45X Datasheet
1Mb / 259P
Advanced I/O with X-Bus Interface
logo
Winbond
W83L517D WINBOND-W83L517D_05 Datasheet
847Kb / 133P
LPC I/O for Notebook
logo
SMSC Corporation
LPC47S45X SMSC-LPC47S45X_07 Datasheet
1Mb / 259P
Advanced I/O with X-Bus Interface
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com