Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A21SP16 Datasheet (PDF) - STMicroelectronics

A21SP16 Datasheet PDF - STMicroelectronics
Part # A21SP16
Download  A21SP16 Download
File Size   862.47 Kbytes
Page   37 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Thermal shutdown protection

A21SP16 Datasheet (PDF)

Go To PDF Page Download Datasheet
A21SP16 Datasheet PDF - STMicroelectronics

Part # A21SP16
Download  A21SP16 Click to download

File Size   862.47 Kbytes
Page   37 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Thermal shutdown protection

A21SP16 Datasheet (HTML) - STMicroelectronics


A21SP16 Product details

Description
The A21SP16 is a differential class-D BTL power amplifier. It is able to drive up to 2.3 W into a 4  load and 1.4 W into a 8  load at 5 V. It achieves outstanding efficiency (88% typ.) compared to classical Class-AB audio amps. The gain of the device can be controlled via two external gain-setting resistors. Pop & click reduction circuitry provides low on/off switch noise while allowing the device to start within 5 ms. A standby function (active low) allows the reduction of current consumption to 10 nA typ. VDD 1/A1 7/C1 8/C2 9/C3 4/B1 6/B3 2/A2 3/A3 5/B2 VDD ININ+ GND STBY GND OUT+ OUTVDD 1/A1 7/C1 8/C2 9/C3 4/B1 6/B3 2/A2 3/A3 5/B2 VDD ININ+ GND STBY GND OUT+ OUT-




Similar Part No. - A21SP16

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
A21SP16 STMICROELECTRONICS-A21SP16 Datasheet
972Kb / 37P
3 W filter-free class-D audio power amplifier
27-Jul-2020
A21SP16J STMICROELECTRONICS-A21SP16J Datasheet
972Kb / 37P
3 W filter-free class-D audio power amplifier
27-Jul-2020
A21SP16 STMICROELECTRONICS-A21SP16_V01 Datasheet
972Kb / 37P
3 W filter-free class-D audio power amplifier
27-Jul-2020
More results


Similar Description - A21SP16

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STBP120 STMICROELECTRONICS-STBP120 Datasheet
806Kb / 36P
Overvoltage protection device with thermal shutdown
01-Jun-2009
VN800PS-E STMICROELECTRONICS-VN800PS-E Datasheet
305Kb / 27P
Thermal shutdown protection and diagnosis
18-Sep-2013
logo
Skyworks Solutions Inc.
AAT4685 SKYWORKS-AAT4685 Datasheet
1Mb / 17P
thermal shutdown protection
logo
Texas Instruments
TLV702 TI1-TLV702_16 Datasheet
1Mb / 31P
Thermal Shutdown and Overcurrent Protection
TLV705 TI1-TLV705_16 Datasheet
1Mb / 33P
Thermal Shutdown and Overcurrent Protection
logo
Unisonic Technologies
LR1198G-AE5-X-R UTC-LR1198G-AE5-X-R Datasheet
170Kb / 4P
Thermal Shutdown Protection
UD05021G-AF5-R UTC-UD05021G-AF5-R Datasheet
370Kb / 7P
Thermal Shutdown Protection
logo
Dialog Semiconductor
SLG59M1714V DIALOG-SLG59M1714V Datasheet
358Kb / 18P
Thermal Shutdown Protection
SLG59M1735C DIALOG-SLG59M1735C Datasheet
542Kb / 16P
Thermal Shutdown Protection
logo
Maxim Integrated Produc...
MAX15041EVKIT MAXIM-MAX15041EVKIT Datasheet
1Mb / 6P
Overcurrent and Thermal-Shutdown Protection
Rev 0; 9/09
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com