Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV82X Datasheet (PDF) - STMicroelectronics

LMV82X Datasheet PDF - STMicroelectronics
Part # LMV82X
Download  LMV82X Download
File Size   663.07 Kbytes
Page   32 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Tiny packages

LMV82X Datasheet (PDF)

Go To PDF Page Download Datasheet
LMV82X Datasheet PDF - STMicroelectronics

Part # LMV82X
Download  LMV82X Click to download

File Size   663.07 Kbytes
Page   32 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Tiny packages

LMV82X Datasheet (HTML) - STMicroelectronics


LMV82X Product details

Description
The LMV82x and LMV82xA series of single, dual, and quad operational amplifiers offer low voltage operation with rail-to-rail output swing. They outperform the industry standard LMV321, especially with regard to the gain bandwidth product (5.5 MHz). The LMV821, LMV822 and LMV824 are offered with standard pinouts.
The LMV820, LMV823, and LMV825 include a power-saving shutdown feature that reduces the supply current to a maximum of 50 nA at 25 °C.
The wide temperature range, high ESD tolerance, and automotive grade qualification make them particularly suitable for use in harsh automotive applications.

Features
■ Low power consumption: 400 µA max at 5 V
■ Low power shutdown mode: 50 nA max
■ Low offset voltage: 0.8 mV max at 25°C
■ Tiny packages
■ Extended temperature range: -40°C to +125°C
■ Low supply voltage: 2.5 V - 5.5 V
■ Gain bandwidth product: 5.5 MHz
■ Automotive qualification

Benefits
■ Longer lifetime in battery-powered applications
■ Higher accuracy without calibration
■ Smaller form factor than equivalent competitor devices
■ Application performances guaranteed over wide temperature range

Related products
■ See TSV85x series for lower power consumption (180 µA max at 5 V)

Applications
■ Battery-powered applications
■ Portable devices
■ Automotive signal conditioning
■ Active filtering
■ Medical instrumentation




Similar Part No. - LMV82X

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LMV820AILT STMICROELECTRONICS-LMV820AILT Datasheet
873Kb / 32P
Low power, high accuracy, general-purpose operational amplifier
29-Jan-2013
LMV820ILT STMICROELECTRONICS-LMV820ILT Datasheet
873Kb / 32P
Low power, high accuracy, general-purpose operational amplifier
29-Jan-2013
logo
National Semiconductor ...
LMV821 NSC-LMV821 Datasheet
1Mb / 24P
Low Voltage, Low Power, R-to-R Output, 5 MHz Op Amps
logo
Texas Instruments
LMV821 TI-LMV821 Datasheet
658Kb / 31P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LMV821 ONSEMI-LMV821 Datasheet
794Kb / 16P
Single, Dual, Quad Low Voltage, Rail-to-Rail Operational Amplifiers
October, 2009 ??Rev. 1
More results


Similar Description - LMV82X

ManufacturerPart #DatasheetDescription
logo
Amkor Technology
CABGA AMKOR-CABGA Datasheet
310Kb / 2P
ChipArray짰 Packages
logo
Maxim Integrated Produc...
MAX40007 MAXIM-MAX40007 Datasheet
1Mb / 10P
nanoPower Op Amp in Ultra-Tiny WLP and SOT23 Packages
Rev 1; 1/18
MAX40018 MAXIM-MAX40018 Datasheet
528Kb / 13P
Dual nanoPower Op Amps in Tiny WLP and TDFN Packages
2019
logo
SG Micro Corp
SGM8193 SGMICRO-SGM8193 Datasheet
972Kb / 16P
Tiny Packages, Nano-Power,Precision Current-Sense Amplifier
DECEMBER2022-REV.A
logo
Guangdong Youtai Semico...
SN74LVC1G02 UMW-SN74LVC1G02 Datasheet
675Kb / 9P
Tiny SC70-5 /SOT23-5 /DFN6(1.5mm*1.0mm) Packages
SN74LVC1G07 UMW-SN74LVC1G07 Datasheet
1Mb / 9P
Tiny SC70-5, SOT23-5 and DFN6-1.0mm*1.5mm Packages
SN74LVC1G17 UMW-SN74LVC1G17 Datasheet
718Kb / 9P
Tiny SC70-5, SOT23-5 and DFN6-1.0mm*1.5mm Packages
SN74LVC1G32 UMW-SN74LVC1G32 Datasheet
565Kb / 8P
Tiny SC70-5 /SOT23-5 Packages
SN74LVC1G34 UMW-SN74LVC1G34 Datasheet
1Mb / 9P
Tiny SC70-5, SOT23-5 and DFN6-1.0mm*1.5mm Packages
SN74LVC1G86 UMW-SN74LVC1G86 Datasheet
813Kb / 9P
Tiny SC70-5, SOT23-5 and DFN6-1.0mm*1.5mm Packages
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com