Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDS5652URH Datasheet (PDF) - MagnaChip Semiconductor.

MDS5652URH Datasheet PDF - MagnaChip Semiconductor.
Part # MDS5652URH
Download  MDS5652URH Download
File Size   756.09 Kbytes
Page   6 Pages
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.
Description Dual N-Channel Trench MOSFET, 30V, 7.5A, 22m(ohm)

MDS5652URH Datasheet (PDF)

Go To PDF Page Download Datasheet
MDS5652URH Datasheet PDF - MagnaChip Semiconductor.

Part # MDS5652URH
Download  MDS5652URH Click to download

File Size   756.09 Kbytes
Page   6 Pages
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.
Description Dual N-Channel Trench MOSFET, 30V, 7.5A, 22m(ohm)

MDS5652URH Datasheet (HTML) - MagnaChip Semiconductor.




Similar Part No. - MDS5652URH

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
MDS5652URH VBSEMI-MDS5652URH Datasheet
1Mb / 9P
Dual N-Channel 30 V (D-S) MOSFET
More results


Similar Description - MDS5652URH

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS3672 FAIRCHILD-FDS3672 Datasheet
266Kb / 11P
N-Channel PowerTrench MOSFET 100V, 7.5A, 22m?
logo
Intersil Corporation
HUF76112SK8 INTERSIL-HUF76112SK8 Datasheet
255Kb / 12P
7.5A, 30V, 0.026 Ohm, N-Channel, Logic Level Power MOSFET
2000 04
ITF86110DK8T INTERSIL-ITF86110DK8T Datasheet
200Kb / 13P
7.5A, 30V, 0.025 Ohm, Dual N-Channel, Logic Level, Power MOSFET
January 2000
logo
Fairchild Semiconductor
FDS3672 FAIRCHILD-FDS3672_12 Datasheet
317Kb / 7P
N-Channel PowerTrench짰 MOSFET 100V, 7.5A, 22m廓
logo
MagnaChip Semiconductor...
MDD1901 MGCHIP-MDD1901 Datasheet
867Kb / 6P
Single N-channel Trench MOSFET 100V, 40A, 22m(ohm)
MDP1901 MGCHIP-MDP1901 Datasheet
862Kb / 6P
Single N-channel Trench MOSFET 100V, 36A, 22m(ohm)
MDS5601 MGCHIP-MDS5601 Datasheet
678Kb / 6P
Dual N-channel Trench MOSFET 30V, 12.9A, 10.5m(ohm)
MDU5512 MGCHIP-MDU5512 Datasheet
2Mb / 9P
Dual Asymmetric N-channel Trench MOSFET 30V
MDU5593S MGCHIP-MDU5593S Datasheet
1Mb / 9P
Dual Asymmetric N-channel Trench MOSFET 30V
MDU5693 MGCHIP-MDU5693 Datasheet
1Mb / 9P
Dual Asymmetric N-channel Trench MOSFET 30V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com