Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDS5951 Datasheet (PDF) - MagnaChip Semiconductor.

MDS5951 Datasheet PDF - MagnaChip Semiconductor.
Part # MDS5951
Download  MDS5951 Download
File Size   612.91 Kbytes
Page   6 Pages
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.
Description Dual N-Channel Trench MOSFET 60V, 4.5A, 50m(ohm)

MDS5951 Datasheet (PDF)

Go To PDF Page Download Datasheet
MDS5951 Datasheet PDF - MagnaChip Semiconductor.

Part # MDS5951
Download  MDS5951 Click to download

File Size   612.91 Kbytes
Page   6 Pages
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.
Description Dual N-Channel Trench MOSFET 60V, 4.5A, 50m(ohm)

MDS5951 Datasheet (HTML) - MagnaChip Semiconductor.




Similar Part No. - MDS5951

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
MDS5951URH VBSEMI-MDS5951URH Datasheet
1Mb / 9P
Dual N-Channel 60 V (D-S) 175 째C MOSFET
More results


Similar Description - MDS5951

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HRP45N06K SEMIHOW-HRP45N06K Datasheet
1Mb / 8P
60V N-Channel Trench MOSFET
HRP58N06K SEMIHOW-HRP58N06K Datasheet
891Kb / 8P
60V N-Channel Trench MOSFET
logo
MagnaChip Semiconductor...
MDD06N100 MGCHIP-MDD06N100 Datasheet
958Kb / 6P
Single N-channel Trench MOSFET 60V, 50A, 10m(ohm)
MDD1951 MGCHIP-MDD1951 Datasheet
929Kb / 6P
Single N-Channel Trench MOSFET 60V, 17.9A, 45.0m(ohm)
MDP06N033 MGCHIP-MDP06N033 Datasheet
997Kb / 6P
Single N-channel Trench MOSFET 60V, 120A, 3.3m(ohm)
MDP06N090 MGCHIP-MDP06N090 Datasheet
949Kb / 6P
Single N-channel Trench MOSFET 60V, 62A, 9.0m(ohm)
MDS1951 MGCHIP-MDS1951 Datasheet
813Kb / 6P
Single N-Channel Trench MOSFET 60V, 6A, 45m(ohm)
MDU06N031 MGCHIP-MDU06N031 Datasheet
975Kb / 6P
Single N-channel Trench MOSFET 60V, 100A, 3.1m(ohm)
MDU06N110 MGCHIP-MDU06N110 Datasheet
973Kb / 6P
Single N-channel Trench MOSFET 60V, 52A, 11.0m(ohm)
MDV1951B MGCHIP-MDV1951B Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 60V, 12A, 45m(ohm)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com