Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST75C176C Datasheet (PDF) - STMicroelectronics

ST75C176C Datasheet PDF - STMicroelectronics
Part # ST75C176C
Download  ST75C176C Download
File Size   326.07 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low power RS-485/RS-422 transceiver

ST75C176C Datasheet (PDF)

Go To PDF Page Download Datasheet
ST75C176C Datasheet PDF - STMicroelectronics

Part # ST75C176C
Download  ST75C176C Click to download

File Size   326.07 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low power RS-485/RS-422 transceiver

ST75C176C Datasheet (HTML) - STMicroelectronics


ST75C176C Product details

Description
The ST75C176B/C is al low power transceiver for RS-485 and RS-422 communication. Each part contains one driver and one receiver.
This transceiver draw 300 mA (typ.) of supply current when unloaded or fully loaded with disabled drivers.
It operates from a single 5 V supply.
Driver is short-circuit current limited and is protected against excessive power dissipation by thermal shutdown circuitry that placed the driver outputs into a high-impedance state. The receiver input has a fail safe feature that guarantees a logic-high output if the input is open circuit.
The ST75C176B/C is designed for bidirectional data communications on multipoint bus transmission line (half-duplex applications).

Features
■ Low quiescent current: 300 mA
■ Designed for RS-485 interface applications
■ -7 V to 12 V common mode input voltage range
■ Driver maintains high impedance in 3-state or with the power OFF
■ 70 mV typical input hysteresis
■ 30 ns propagation delays, 5 ns skew
■ Operate from a single 5 V supply
■ Current limiting and thermal shutdown for driver overload protection
■ Allows up to 32 transceivers on the bus
■ BiCMOS technology




Similar Part No. - ST75C176C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST75C176CD STMICROELECTRONICS-ST75C176CD Datasheet
301Kb / 13P
LOW POWER RS-485/RS-422 TRANSCEIVER
Jun-2003
ST75C176CDR STMICROELECTRONICS-ST75C176CDR Datasheet
301Kb / 13P
LOW POWER RS-485/RS-422 TRANSCEIVER
Jun-2003
ST75C176CN STMICROELECTRONICS-ST75C176CN Datasheet
301Kb / 13P
LOW POWER RS-485/RS-422 TRANSCEIVER
Jun-2003
More results


Similar Description - ST75C176C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS485 NSC-DS485 Datasheet
140Kb / 10P
Low Power RS-485/RS-422 Multipoint Transceiver
logo
STMicroelectronics
ST485 STMICROELECTRONICS-ST485 Datasheet
545Kb / 19P
Low power RS-485/RS-422 transceiver
21-Mar-2006
ST75C176 STMICROELECTRONICS-ST75C176 Datasheet
301Kb / 13P
LOW POWER RS-485/RS-422 TRANSCEIVER
Jun-2003
ST485_068 STMICROELECTRONICS-ST485_068 Datasheet
306Kb / 19P
Low power RS-485/RS-422 transceiver
02-Aug-2006
ST75C176 STMICROELECTRONICS-ST75C176_06 Datasheet
260Kb / 18P
LOW POWER RS-485/RS-422 TRANSCEIVER
04-May-2006
ST485B STMICROELECTRONICS-ST485B Datasheet
730Kb / 19P
Low power RS-485/RS-422 transceiver
07-Feb-2008
logo
Analog Devices
ADM1487 AD-ADM1487_15 Datasheet
384Kb / 8P
Ultra-Low Power RS-485/RS-422 Transceiver
REV. PrC 08/02
logo
Texas Instruments
DS485 TI1-DS485_15 Datasheet
886Kb / 16P
Low Power RS-485/RS-422 Multipoint Transceiver
logo
Exar Corporation
SP335E EXAR-SP335E Datasheet
356Kb / 22P
RS-232/RS-485/RS-422 TRANSCEIVER
SP338E EXAR-SP338E Datasheet
1Mb / 25P
RS-232/RS-485/RS-422 TRANSCEIVER
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com