Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MD3100X Datasheet (PDF) - MagnaChip Semiconductor.

MD3100X Datasheet PDF - MagnaChip Semiconductor.
Part # MD3100X
Download  MD3100X Download
File Size   1072.8 Kbytes
Page   6 Pages
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.
Description Single N-channel Trench MOSFET 80V, 100A, 3.6m(ohm)

MD3100X Datasheet (PDF)

Go To PDF Page Download Datasheet
MD3100X Datasheet PDF - MagnaChip Semiconductor.

Part # MD3100X
Download  MD3100X Click to download

File Size   1072.8 Kbytes
Page   6 Pages
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.
Description Single N-channel Trench MOSFET 80V, 100A, 3.6m(ohm)

MD3100X Datasheet (HTML) - MagnaChip Semiconductor.




Similar Part No. - MD3100X

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
MD311 SITI-MD311 Datasheet
163Kb / 6P
Micro-actuator Driver
logo
MicroPower Direct, LLC
MD312D05ERW MPD-MD312D05ERW Datasheet
855Kb / 4P
MD300ERW SERIES
MD312D12ERW MPD-MD312D12ERW Datasheet
855Kb / 4P
MD300ERW SERIES
MD312D15ERW MPD-MD312D15ERW Datasheet
855Kb / 4P
MD300ERW SERIES
MD312S-05 MPD-MD312S-05 Datasheet
199Kb / 2P
Miniature 3W Single Output SIP DC/DC Converters
More results


Similar Description - MD3100X

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HRP80N08K SEMIHOW-HRP80N08K Datasheet
944Kb / 8P
80V N-Channel Trench MOSFET
logo
MagnaChip Semiconductor...
MDE1932 MGCHIP-MDE1932 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 80V, 120A, 3.4m(ohm)
MDF1933 MGCHIP-MDF1933 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 80V, 43A, 7.5m(ohm)
MDP1930 MGCHIP-MDP1930 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 80V, 120A, 2.5m(ohm)
MDP1932 MGCHIP-MDP1932 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 80V, 120A, 3.4m(ohm)
MDP1933 MGCHIP-MDP1933 Datasheet
987Kb / 6P
Single N-channel Trench MOSFET 80V, 105A, 7.0m(ohm)
MDU04N010 MGCHIP-MDU04N010 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 40V, 100A, 1.0m(ohm)
MDU06N031 MGCHIP-MDU06N031 Datasheet
975Kb / 6P
Single N-channel Trench MOSFET 60V, 100A, 3.1m(ohm)
MDU1721 MGCHIP-MDU1721 Datasheet
983Kb / 6P
Single N-channel Trench MOSFET 40V, 100A, 1.4m(ohm)
MDU1722 MGCHIP-MDU1722 Datasheet
981Kb / 6P
Single N-channel Trench MOSFET 40V, 100A, 2.2m(ohm)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com