Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE812A Datasheet (PDF) - STMicroelectronics

STMPE812A Datasheet PDF - STMicroelectronics
Part # STMPE812A
Download  STMPE812A Download
File Size   591.83 Kbytes
Page   53 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Integrated 4-wire resistive touchscreen controller, pen-down/real-time mode, fullyautonomous

STMPE812A Datasheet (PDF)

Go To PDF Page Download Datasheet
STMPE812A Datasheet PDF - STMicroelectronics

Part # STMPE812A
Download  STMPE812A Click to download

File Size   591.83 Kbytes
Page   53 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Integrated 4-wire resistive touchscreen controller, pen-down/real-time mode, fullyautonomous

STMPE812A Datasheet (HTML) - STMicroelectronics


STMPE812A Product details

Description
The STMPE812A is a 4-wire resistive touchscreen controller with 4-bit port expander integrated. The touchscreen controller is designed to be fully autonomous, requiring only minimal CPU intervention for sampling, filtering and preprocessing operations. CSP 12 (2.17 x 1.67 mm)

Features
■ Integrated 4-wire resistive touchscreen controller, pen-down/real-time mode, fully- autonomous
■ 12-bit ADC for high-resolution touchscreen
■ Operating voltage 1.65 - 3.6 V
■ Low power consumption: – Hibernation mode: 0.5 µA – Active mode: 100 µA
■ Auto-hibernation and hotkey wake-up features
■ Up to 3 GPIOs with alternate functions – 1 PWM controller – 1 general purpose 12-bit ADC input – Optional interrupt output pin
■ Dedicated reset input pin
■ 400 kHz I2C interface
■ 8 kV HBM, 1 kV CDM ESD protection on X+/X-/Y+/Y-
■ 2 kV HBM, 250 V CDM ESD protection on all other pins

Applications
■ Portable media players
■ Game consoles
■ Mobile and smart phones




Similar Part No. - STMPE812A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STMPE812 STMICROELECTRONICS-STMPE812 Datasheet
626Kb / 51P
S-Touch® enhanced 4-wire resistive touchscreen controller with PWM
25-Feb-2011
STMPE812BJR STMICROELECTRONICS-STMPE812BJR Datasheet
626Kb / 51P
S-Touch® enhanced 4-wire resistive touchscreen controller with PWM
25-Feb-2011
More results


Similar Description - STMPE812A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM8300 NSC-LM8300 Datasheet
319Kb / 20P
Four Wire Resistive Touchscreen Controller with Brownout
LM8500 NSC-LM8500 Datasheet
327Kb / 20P
Four Wire Resistive Touchscreen Controller with Brownout
logo
Semtech Corporation
SX8651 SEMTECH-SX8651 Datasheet
632Kb / 39P
Multitouch 4-wire Resistive Touchscreen Controller with 15kV ESD Protection
SX8654 SEMTECH-SX8654 Datasheet
2Mb / 62P
Haptics Enabled 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
SX8657 SEMTECH-SX8657 Datasheet
2Mb / 61P
Haptics Enabled 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
SX8677 SEMTECH-SX8677 Datasheet
2Mb / 63P
Haptics Enabled Multitouch 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
logo
Texas Instruments
LM8300 TI1-LM8300 Datasheet
440Kb / 26P
LM8300/LM8500 Four Wire Resistive Touchscreen Controller with Brownout
logo
Semtech Corporation
SX8651EVKA SEMTECH-SX8651EVKA Datasheet
626Kb / 39P
Multitouch 4-wire Resistive Touchscreen Controller with 15kV ESD Protection
SX8654EVK SEMTECH-SX8654EVK Datasheet
2Mb / 62P
Haptics Enabled 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
logo
STMicroelectronics
STMPE812 STMICROELECTRONICS-STMPE812 Datasheet
626Kb / 51P
S-Touch® enhanced 4-wire resistive touchscreen controller with PWM
25-Feb-2011
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com