Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR710FZ1 Datasheet (PDF) - STMicroelectronics

STR710FZ1 Datasheet PDF - STMicroelectronics
Part # STR710FZ1
Download  STR710FZ1 Download
File Size   1473.0 Kbytes
Page   80 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description ARM7TDMI??32-bit MCU with Flash, USB, CAN, 5 timers, ADC, 10 communication interfaces

STR710FZ1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STR710FZ1 Datasheet PDF - STMicroelectronics

Part # STR710FZ1
Download  STR710FZ1 Click to download

File Size   1473.0 Kbytes
Page   80 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description ARM7TDMI??32-bit MCU with Flash, USB, CAN, 5 timers, ADC, 10 communication interfaces

STR710FZ1 Datasheet (HTML) - STMicroelectronics


STR710FZ1 Product details

Features
■ Core – ARM7TDMI 32-bit RISC CPU – 59 MIPS @ 66 MHz from SRAM – 45 MIPS @ 50 MHz from Flash
■ Memories – Up to 256 Kbytes Flash program memory (10 kcycles endurance, 20 years retention @ 85 ° C) – 16 Kbytes Flash data memory (100 kcycles endurance, 20 years retention@ 85 ° C) – Up to 64 Kbytes RAM – External Memory Interface (EMI) for up to 4 banks of SRAM, Flash, ROM – Multi-boot capability
■ Clock, reset and supply management – 3.0 to 3.6 V application supply and I/Os – Internal 1.8 V regulator for core supply – Clock input from 0 to 16.5 MHz – Embedded RTC osc. running from external 32 kHz crystal – Embedded PLL for CPU clock – Realtime Clock for clock-calendar function – 5 power saving modes: SLOW, WAIT, LPWAIT, STOP and STANDBY modes
■ Nested interrupt controller – Fast interrupt handling with multiple vectors – 32 vectors with 16 IRQ priority levels – 2 maskable FIQ sources
■ Up to 48 I/O ports – 30/32/48 multifunctional bidirectional I/Os Up to 14 ports with interrupt capability
■ 5 timers – 16-bit watchdog timer – 3 16-bit timers with 2 input captures, 2 output compares, PWM and pulse counter – 16-bit timer for timebase functions
■ 10 communication interfaces – 2 I2C interfaces (1 multiplexed with SPI) – 4 UART asynchronous serial interfaces – Smartcard ISO7816-3 interface on UART1 – 2 BSPI synchronous serial interfaces – CAN interface (2.0B Active) – USB Full Speed (12 Mbit/s) Device Function with Suspend and Resume – HDLC synchronous communications
■ 4-channel 12-bit A/D converter – Sampling frequency up to 1 kHz – Conversion range: 0 to 2.5 V
■ Development tools support – Atomic bit SET and RES operations




Similar Part No. - STR710FZ1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STR710FZ1 STMICROELECTRONICS-STR710FZ1 Datasheet
1Mb / 74P
ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
22-May-2006
STR710FZ1 STMICROELECTRONICS-STR710FZ1 Datasheet
1Mb / 78P
ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
13-Feb-2008
STR710FZ1H6 STMICROELECTRONICS-STR710FZ1H6 Datasheet
659Kb / 49P
ARM7TDMI™ 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES
19-Apr-2005
STR710FZ1H6 STMICROELECTRONICS-STR710FZ1H6 Datasheet
1Mb / 74P
ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
22-May-2006
STR710FZ1H6 STMICROELECTRONICS-STR710FZ1H6 Datasheet
1Mb / 77P
ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
20-Mar-2007
More results


Similar Description - STR710FZ1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STR71XF STMICROELECTRONICS-STR71XF Datasheet
678Kb / 49P
ARM7TDMI 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES
19-Apr-2005
STR710F STMICROELECTRONICS-STR710F Datasheet
659Kb / 49P
ARM7TDMI™ 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES
19-Apr-2005
STR730FZ1T7 STMICROELECTRONICS-STR730FZ1T7 Datasheet
380Kb / 22P
ARM7TDMI 32-BIT MCU WITH FLASH, 3x CAN, 4 UARTs, 20 TIMERS, ADC, 12 COMM. INTERFACES
Rev. 1
STR73XF STMICROELECTRONICS-STR73XF Datasheet
663Kb / 40P
ARM7TDMI-TM 32-bit MCU with Flash, 3X CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces
08-Mar-2006
STRT71XF STMICROELECTRONICS-STRT71XF Datasheet
1Mb / 74P
ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
22-May-2006
STR73XF_0609 STMICROELECTRONICS-STR73XF_0609 Datasheet
1Mb / 53P
ARM7TDMI 32-bit MCU with Flash, 3x CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces
08-Sep-2006
STR71XF STMICROELECTRONICS-STR71XF_07 Datasheet
1Mb / 77P
ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
20-Mar-2007
STR71XF STMICROELECTRONICS-STR71XF_08 Datasheet
1Mb / 78P
ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
13-Feb-2008
STR73XFXX STMICROELECTRONICS-STR73XFXX Datasheet
1Mb / 52P
ARM7TDMI??32-bit MCU with Flash, 3x CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces
08-Jun-2008
STM32F102X4 STMICROELECTRONICS-STM32F102X4 Datasheet
872Kb / 69P
Low-density USB access line, ARM-based 32-bit MCU with 16/32 KB Flash, USB FS interface, 5 timers, ADC & 5 communication interfaces
24-Sep-2009
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com