Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT5C1001C Datasheet (PDF) - Austin Semiconductor

MT5C1001C Datasheet PDF - Austin Semiconductor
Part # MT5C1001C
Download  MT5C1001C Download
File Size   166.87 Kbytes
Page   13 Pages
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor
Description SRAM

MT5C1001C Datasheet (PDF)

Go To PDF Page Download Datasheet
MT5C1001C Datasheet PDF - Austin Semiconductor

Part # MT5C1001C
Download  MT5C1001C Click to download

File Size   166.87 Kbytes
Page   13 Pages
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor
Description SRAM

MT5C1001C Datasheet (HTML) - Austin Semiconductor


MT5C1001C Product details

GENERAL DESCRIPTION
The MT5C1001 employs low power, high-performance silicon-gate CMOS technology. Static design eliminates the need for external clocks or timing strobes while CMOS circuitry reduces power consumption and provides for greater reliability.

FEATURES
• High Speed: 20, 25, 35, and 45
• Battery Backup: 2V data retention
• Low power standby
• Single +5V (+10%) Power Supply
• Easy memory expansion with CE and OE options.
• All inputs and outputs are TTL compatible
• Three-state output




Similar Part No. - MT5C1001C

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
MT5C1001C-20/883C AUSTIN-MT5C1001C-20/883C Datasheet
100Kb / 13P
1M x 1 SRAM SRAM MEMORY ARRAY
MT5C1001C-20/IT AUSTIN-MT5C1001C-20/IT Datasheet
100Kb / 13P
1M x 1 SRAM SRAM MEMORY ARRAY
MT5C1001C-20/XT AUSTIN-MT5C1001C-20/XT Datasheet
100Kb / 13P
1M x 1 SRAM SRAM MEMORY ARRAY
MT5C1001C-20L/883C AUSTIN-MT5C1001C-20L/883C Datasheet
100Kb / 13P
1M x 1 SRAM SRAM MEMORY ARRAY
MT5C1001C-20L/IT AUSTIN-MT5C1001C-20L/IT Datasheet
100Kb / 13P
1M x 1 SRAM SRAM MEMORY ARRAY
More results


Similar Description - MT5C1001C

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH525C9N SHARP-LH525C9N Datasheet
449Kb / 17P
256K SRAM
logo
Integrated Silicon Solu...
IS61NF25632 ISSI-IS61NF25632 Datasheet
155Kb / 20P
SRAM
logo
Austin Semiconductor
MT5C2564 AUSTIN-MT5C2564 Datasheet
125Kb / 11P
SRAM
logo
List of Unclassifed Man...
WPS512K8 ETC1-WPS512K8 Datasheet
184Kb / 5P
512Kx8 SRAM
logo
Austin Semiconductor
MT5C1005 AUSTIN-MT5C1005 Datasheet
182Kb / 13P
256K x 4 SRAM SRAM MEMORY ARRAY
logo
List of Unclassifed Man...
AS5C4009LL ETC1-AS5C4009LL Datasheet
117Kb / 12P
SRAM
logo
Austin Semiconductor
AS8S512K32 AUSTIN-AS8S512K32 Datasheet
227Kb / 12P
SRAM
logo
List of Unclassifed Man...
AS5C4009 ETC1-AS5C4009 Datasheet
134Kb / 12P
SRAM
logo
Integrated Device Techn...
IDT71V547S IDT-IDT71V547S Datasheet
711Kb / 20P
Synchronous SRAM
logo
ARTSCHIP ELECTRONICS CO...
M48T08 ARTSCHIP-M48T08 Datasheet
7Mb / 27P
TIMEKEEPER SRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com