Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDSL01 Datasheet (PDF) - STMicroelectronics

DDSL01 Datasheet PDF - STMicroelectronics
Part # DDSL01
Download  DDSL01 Download
File Size   64.94 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Secondary protection for DSL lines

DDSL01 Datasheet (PDF)

Go To PDF Page Download Datasheet
DDSL01 Datasheet PDF - STMicroelectronics

Part # DDSL01
Download  DDSL01 Click to download

File Size   64.94 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Secondary protection for DSL lines

DDSL01 Datasheet (HTML) - STMicroelectronics


DDSL01 Product details

Description
The DDSL01 has been developed to provide a low capacitance and a high surge capability to comply with various standards such as IEC 61000-4-5, GR-1089 and ITU-T K20/21 in DSL applications. The DDSL01 is packaged in SOT23-3L.

Features
■ Stand off voltage: 30 V
■ Surge capability: Ipp = 30 A 8/20 µs
■ Low capacitance device: 4.5 pF at 2 V
■ RoHS package
■ Low leakage current: 0.5 µA at 25 °C




Similar Part No. - DDSL01

ManufacturerPart #DatasheetDescription
logo
C&K Components
DDS CK-COMPONENTS-DDS Datasheet
171Kb / 2P
Micro Mini Thru-hole Detect Switches
DDS CK-COMPONENTS-DDS Datasheet
391Kb / 3P
Micro Mini Thru-hole Detect Switches
10 Mar 22
logo
Adam Technologies, Inc.
DDS-02 ADAM-TECH-DDS-02 Datasheet
73Kb / 1P
200 MALE STRAIGHT PCB MOUNT
logo
DOMINANT Semiconductors
DDS-CJS DOMINANT-DDS-CJS Datasheet
760Kb / 12P
LED AlInGaP
DDS-CJS-J2 DOMINANT-DDS-CJS-J2 Datasheet
760Kb / 12P
LED AlInGaP
More results


Similar Description - DDSL01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DSL01-XXXSC5 STMICROELECTRONICS-DSL01-XXXSC5 Datasheet
51Kb / 3P
Secondary protection for DSL lines
10-Apr-2008
ETP01-162RL STMICROELECTRONICS-ETP01-162RL Datasheet
108Kb / 7P
Protection for Ethernet lines
04-Mar-2008
logo
NXP Semiconductors
PESD1USB3SZ NXP-PESD1USB3SZ Datasheet
1Mb / 19P
ESD protection for differential data lines
Rev. 3-26 April 2016
logo
STMicroelectronics
DSL05 STMICROELECTRONICS-DSL05 Datasheet
590Kb / 10P
Secondary protection for VDSL2 and G.FAST lines
03-Oct-2016
logo
Nexperia B.V. All right...
PESDXUSB3S NEXPERIA-PESDXUSB3S Datasheet
1,002Kb / 16P
ESD protection for differential data lines
logo
Neotec Semiconductor Lt...
NT1732A NEOTEC-NT1732A Datasheet
393Kb / 4P
Battery Protection IC for Multi-Cell (Secondary Protection)
V2.11
NT1732B NEOTEC-NT1732B Datasheet
395Kb / 4P
Battery Protection IC for Multi-Cell (Secondary Protection)
V1.02
NT1742 NEOTEC-NT1742 Datasheet
384Kb / 4P
Battery Protection IC for Multi-Cell (Secondary Protection)
V2.30
NT1793 NEOTEC-NT1793 Datasheet
251Kb / 4P
Battery Protection IC for Multi-Cell (Secondary Protection)
V1.93
logo
Nexperia B.V. All right...
PESD48VV2BT NEXPERIA-PESD48VV2BT Datasheet
212Kb / 11P
ESD protection for 48V lines
2 May 2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com