Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMIF06-HSD04F3 Datasheet (PDF) - STMicroelectronics

EMIF06-HSD04F3 Datasheet PDF - STMicroelectronics
Part # EMIF06-HSD04F3
Download  EMIF06-HSD04F3 Download
File Size   546.4 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Very low PCB space consumption

EMIF06-HSD04F3 Datasheet (PDF)

Go To PDF Page Download Datasheet
EMIF06-HSD04F3 Datasheet PDF - STMicroelectronics

Part # EMIF06-HSD04F3
Download  EMIF06-HSD04F3 Click to download

File Size   546.4 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Very low PCB space consumption

EMIF06-HSD04F3 Datasheet (HTML) - STMicroelectronics


EMIF06-HSD04F3 Product details

Description
The EMIF06-HSD04F3 chip is a highly integrated device designed to protect the application against ESD event during the insertion of the micro-SD card. The EMIF06-HSD04F3 must be placed close to the micro-SD card connector for efficient ESD protection. TM: IPAD is a trademark of STMicroelectronics )OLS&KLS EXPSV 2N6034 $ % & '

Features
■ Very low line capacitance to compensate long PCB tracks (4.5 pF typ.)
■ 208 MHz clock frequency compliant with SD3.0 UHS-1 SDR 104 standard
■ High ESD robustness: up to ±12 kV contact
■ Lead-free package in 400 µm pitch




Similar Part No. - EMIF06-HSD04F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF06-HSD03F3 STMICROELECTRONICS-EMIF06-HSD03F3 Datasheet
565Kb / 10P
EMI filter with integrated ESD protection for micro-SD Card?
October 2016 Rev 4
More results


Similar Description - EMIF06-HSD04F3

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
M65608E ATMEL-M65608E_14 Datasheet
884Kb / 16P
Very Low Power Consumption
AT60142F ATMEL-AT60142F_14 Datasheet
355Kb / 3P
Very Low Power Consumption
AT60142F ATMEL-AT60142F_14 Datasheet
68Kb / 3P
Very Low Power Consumption
AT60142FT ATMEL-AT60142FT_14 Datasheet
357Kb / 14P
Very Low Power Consumption
logo
Infineon Technologies A...
TLE42744 INFINEON-TLE42744_14 Datasheet
1Mb / 21P
Very Low Current Consumption
TLE42754 INFINEON-TLE42754_14 Datasheet
1Mb / 29P
Very low Current Consumption
TLE42794 INFINEON-TLE42794_14 Datasheet
1Mb / 32P
Very low Current Consumption
TLE4287G INFINEON-TLE4287G_12 Datasheet
1Mb / 14P
Very low standby current consumption
Rev. 1.41, 2012-01-30
logo
MICORO CRYSTAL SWITZERL...
MCSO2EL MICROCRYSTAL-MCSO2EL Datasheet
348Kb / 2P
Very low consumption 32.768 kHz
logo
ILSI America LLC
ISM36 ILSI-ISM36 Datasheet
125Kb / 2P
Very Low Current Consumption
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com