Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDA6V1-5T6 Datasheet (PDF) - STMicroelectronics

ESDA6V1-5T6 Datasheet PDF - STMicroelectronics
Part # ESDA6V1-5T6
Download  ESDA6V1-5T6 Download
File Size   172.55 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Lead-free and RoHS package

ESDA6V1-5T6 Datasheet (PDF)

Go To PDF Page Download Datasheet
ESDA6V1-5T6 Datasheet PDF - STMicroelectronics

Part # ESDA6V1-5T6
Download  ESDA6V1-5T6 Click to download

File Size   172.55 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Lead-free and RoHS package

ESDA6V1-5T6 Datasheet (HTML) - STMicroelectronics


ESDA6V1-5T6 Product details

Description
The ESDA6V1-5T6 is monolithic arrays designed to protect up to 5 lines against ESD transients. The device is ideal for applications where both reduced print circuit board space and high ESD protection level are required.

Features
■ 5 unidirectional Transil diodes
■ Breakdown voltage VBR = 6.1 V min.
■ Low leakage current < 200 nA
■ Very small PCB area: 1.0 mm²
■ 350 µm pitch micro-package
■ Lead-free and RoHS package
■ High ESD protection level
■ High integration
■ Suitable for high density boards Complies with the following standards
■ IEC 61000-4-2 level 4: – 15 kV (air discharge) – 8 kV (contact discharge)
■ MIL STD 883G- Method 3015-7: class 3B: – HBM (human body model)




Similar Part No. - ESDA6V1-5T6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDA6V1-5BP6 STMICROELECTRONICS-ESDA6V1-5BP6 Datasheet
116Kb / 8P
Transil array for ESD protection
22-May-2007
ESDA6V1-5M6 STMICROELECTRONICS-ESDA6V1-5M6 Datasheet
237Kb / 11P
4- and 5-line Transil??arrays for ESD protection
18-Feb-2008
ESDA6V1-5P6 STMICROELECTRONICS-ESDA6V1-5P6 Datasheet
50Kb / 5P
TRANSIL™ ARRAY FOR ESD PROTECTION
Oct-2002
ESDA6V1-5P6 STMICROELECTRONICS-ESDA6V1-5P6 Datasheet
112Kb / 8P
Transil??array for ESD protection
26-Jun-2006
logo
Weitron Technology
ESDA6V1-5P6 WEITRON-ESDA6V1-5P6 Datasheet
840Kb / 7P
5-Line TVS Array
More results


Similar Description - ESDA6V1-5T6

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAPD-011020 MA-COM-MAPD-011020 Datasheet
422Kb / 4P
RoHS compliant and lead free
MACP-011029 MA-COM-MACP-011029 Datasheet
831Kb / 6P
RoHS compliant and lead free
MAPD-011032 MA-COM-MAPD-011032 Datasheet
921Kb / 6P
RoHS Compliant and Lead free
logo
WALSIN TECHNOLOGY CORPO...
SFXXF_Q WALSIN-SFXXF_Q Datasheet
1Mb / 10P
RoHS compliant and lead free
logo
Shanghai Leiditech Elec...
3R090-6L LEIDITECH-3R090-6L Datasheet
545Kb / 4P
RoHS compliant and Lead-free
SMD3225-470NF LEIDITECH-SMD3225-470NF Datasheet
1Mb / 4P
RoHS compliant and Lead-free
logo
Maxim Integrated Produc...
MAX9694EVKIT MAXIM-MAX9694EVKIT Datasheet
486Kb / 12P
Lead-Free and RoHS Compliant
Rev 0; 10/08
MAX9597EVKIT MAXIM-MAX9597EVKIT Datasheet
592Kb / 16P
Lead-Free and RoHS Compliant
Rev 0; 9/08
MAX9938EVKIT MAXIM-MAX9938EVKIT Datasheet
77Kb / 4P
Lead-Free and RoHS Compliant
Rev 0; 8/08
logo
Guangdong Youtai Semico...
SMXX-02HTG UMW-SMXX-02HTG Datasheet
742Kb / 6P
RoHS compliant and lead-free
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com