Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDA8V2-1J Datasheet (PDF) - STMicroelectronics

ESDA8V2-1J Datasheet PDF - STMicroelectronics
Part # ESDA8V2-1J
Download  ESDA8V2-1J Download
File Size   138.27 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description EOS and ESD Transil™ protection for charger and battery port

ESDA8V2-1J Datasheet (PDF)

Go To PDF Page Download Datasheet
ESDA8V2-1J Datasheet PDF - STMicroelectronics

Part # ESDA8V2-1J
Download  ESDA8V2-1J Click to download

File Size   138.27 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description EOS and ESD Transil™ protection for charger and battery port

ESDA8V2-1J Datasheet (HTML) - STMicroelectronics


ESDA8V2-1J Product details

Description
The ESDA8V2-1J is a unidirectional single line Transil diode designed specifically for the protection of integrated circuits in portable equipment and miniaturized electonic devices subject to EOS and ESD transient overvoltages. TM: Transil is a trademark of STMicroelectronics K A SOD-323

Features
■ Breakdown voltage VBR = 8.2 V
■ Unidirectional device
■ High peak power dissipation: 500 W (8/20 µs waveform)
■ ESD protection level better than IEC 61000-4-2, level 4: 30 kV contact discharge
■ Low leakage current (< 0.5 µA @ 5 V) Benefits
■ High EOS and ESD protection level
■ High integration
■ Suitable for high density boards Complies with the following standards:
■ IEC 61000-4-2 level 4 – ±15 kV (air discharge) – ±8 kV (contact discharge)
■ MIL STD 883G - Method 3015-7: class 3B – HBM (human body model): ≥8kV




Similar Part No. - ESDA8V2-1J

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
ESDA8V2-1J UMW-ESDA8V2-1J Datasheet
316Kb / 5P
High EOS and ESD protection level
More results


Similar Description - ESDA8V2-1J

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDA8V2-1MX2 STMICROELECTRONICS-ESDA8V2-1MX2 Datasheet
254Kb / 10P
EOS and ESD Transil protection for charger and battery port
27-Aug-2008
ESDA18-1K STMICROELECTRONICS-ESDA18-1K Datasheet
168Kb / 10P
EOS and ESD Transil protection for charger and battery port
02-Sep-2010
ESDA-1K STMICROELECTRONICS-ESDA-1K Datasheet
167Kb / 10P
EOS and ESD Transil™ protection for charger and battery port
02-Sep-2010
ESDCAN0X-2BWY STMICROELECTRONICS-ESDCAN0X-2BWY Datasheet
378Kb / 8P
Dual-line ESD and EOS protection
December 2016 Rev 4
logo
Semtech Corporation
RCLAMP3521ZA SEMTECH-RCLAMP3521ZA Datasheet
1Mb / 8P
Low Capacitance ESD and EOS Protection
UCLAMP2492SQ SEMTECH-UCLAMP2492SQ Datasheet
815Kb / 8P
24V ESD and EOS Protection for Automotive Applications
UCLAMP2424PWQ SEMTECH-UCLAMP2424PWQ Datasheet
735Kb / 8P
24V ESD and EOS Protection for Automotive Applications
Rev 2.2 4/25/2022
UCLAMP2482PWQ SEMTECH-UCLAMP2482PWQ Datasheet
829Kb / 10P
24V ESD and EOS Protection for 2-Line Automotive Applications
logo
STMicroelectronics
ESDA37W STMICROELECTRONICS-ESDA37W Datasheet
218Kb / 10P
Dual Transil™ array for ESD protection
18-Dec-2017
logo
Guangdong Youtai Semico...
ESDA8V2-1J UMW-ESDA8V2-1J Datasheet
316Kb / 5P
High EOS and ESD protection level
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com