Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDTC115EE Datasheet (PDF) - NXP Semiconductors

PDTC115EE Datasheet PDF - NXP Semiconductors
Part # PDTC115EE
Download  PDTC115EE Download
File Size   93.58 Kbytes
Page   14 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description NPN resistor-equipped transistors; R1 = 100 kW, R2 = 100 kW

PDTC115EE Datasheet (PDF)

Go To PDF Page Download Datasheet
PDTC115EE Datasheet PDF - NXP Semiconductors

Part # PDTC115EE
Download  PDTC115EE Click to download

File Size   93.58 Kbytes
Page   14 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description NPN resistor-equipped transistors; R1 = 100 kW, R2 = 100 kW

PDTC115EE Datasheet (HTML) - NXP Semiconductors




Similar Part No. - PDTC115EE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC115EE PHILIPS-PDTC115EE Datasheet
93Kb / 14P
PNP resistor-equipped transistors; R1 = 100 kW, R2 = 100 kW
2004 Jul 30
PDTC115EE NXP-PDTC115EE Datasheet
188Kb / 14P
NPN resistor-equipped transistors; R1 = 100 k廓, R2 = 100 k廓
2004 Aug 06
logo
Nexperia B.V. All right...
PDTC115EE NEXPERIA-PDTC115EE Datasheet
420Kb / 15P
NPN resistor-equipped transistors; R1 = 100 kΩ, R2 = 100 kΩ
2004 Aug 06
PDTC115EE NEXPERIA-PDTC115EE Datasheet
422Kb / 15P
PNP resistor-equipped transistors; R1 = 100 kΩ, R2 = 100 kΩ
2004 Jul 30
PDTC115EE NEXPERIA-PDTC115EE Datasheet
420Kb / 15P
NPN resistor-equipped transistors; R1 = 100 kΩ, R2 = 100 kΩ
2004 Aug 06
More results


Similar Description - PDTC115EE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTA115E PHILIPS-PDTA115E Datasheet
93Kb / 14P
PNP resistor-equipped transistors; R1 = 100 kW, R2 = 100 kW
2004 Jul 30
PEMB24 NXP-PEMB24 Datasheet
80Kb / 11P
PNP/PNP resistor-equipped transistors; R1 = 100 kW, R2 = 100 kW
Rev. 02-2 September 2009
PEMB24 NXP-PEMB24_09 Datasheet
80Kb / 11P
PNP/PNP resistor-equipped transistors R1 = 100 kW, R2 = 100 kW
Rev. 02-2 September 2009
PEMD24 NXP-PEMD24 Datasheet
78Kb / 10P
NPN/PNP resistor-equipped transistors R1 = 100 kW, R2 = 100 kW
Rev. 01-2 May 2005
PDTC115T PHILIPS-PDTC115T Datasheet
78Kb / 10P
NPN resistor-equipped transistors; R1 =100 kW, R2 open
Rev. 04-17 February 2005
PEMB24_PUMB24 PHILIPS-PEMB24_PUMB24_15 Datasheet
80Kb / 11P
PNP/PNP resistor-equipped transistors; R1 = 100 kW, R2 = 100 kW
Rev. 02-2 September 2009
PEMD24_PUMD24 PHILIPS-PEMD24_PUMD24_15 Datasheet
78Kb / 10P
NPN/PNP resistor-equipped transistors R1 = 100 kW, R2 = 100 kW
Rev. 01-2 May 2005
PEMH24_PUMH24 PHILIPS-PEMH24_PUMH24_15 Datasheet
66Kb / 9P
NPN/NPN resistor-equipped transistors R1 = 100 kW, R2 = 100 kW
Rev. 04-18 May 2005
logo
Nexperia B.V. All right...
PDTC115T_SER NEXPERIA-PDTC115T_SER Datasheet
177Kb / 11P
NPN resistor-equipped transistors; R1 = 100 kW, R2 = open
Rev. 04 - 17 February 2005
PEMB24 NEXPERIA-PEMB24 Datasheet
79Kb / 11P
PNP/PNP resistor-equipped transistors; R1 = 100 kW, R2 = 100 kW
Rev. 02 - 2 September 2009
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com