Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC23-11 Datasheet (PDF) - List of Unclassifed Manufacturers

SC23-11 Datasheet PDF - List of Unclassifed Manufacturers
Part # SC23-11
Download  SC23-11 Download
File Size   769.42 Kbytes
Page   6 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 57 MM SINGLE DIGIT NUMERIC DISPLA

SC23-11 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC23-11 Datasheet PDF - List of Unclassifed Manufacturers

Part # SC23-11
Download  SC23-11 Click to download

File Size   769.42 Kbytes
Page   6 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 57 MM SINGLE DIGIT NUMERIC DISPLA

SC23-11 Datasheet (HTML) - List of Unclassifed Manufacturers


SC23-11 Product details

[Kingbright]

Description
The Bright Red source color devices are made with Gallium Phosphide Red Light Emitting Diode.
The Green source color devices are made with Gallium Phosphide Green Light Emitting Diode.
The High Efficiency Red source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Orange Light Emitting Diode.
The Yellow source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Yellow Light Emitting Diode.
The Super Bright Red source color devices are made with Gallium Aluminum Arsenide R ed Light Emitting Diode.

Features
• LARGE SIZE.
• 2.3 INCH DIGIT HEIGHT.
• LOW CURRENT OPERATION.
• EXCELLENT CHARACTER APPEARANCE.
• HIGH LIGHT OUTPUT.
• EASY MOUNTING ON P.C. BOARDS OR SOCKETS.
• I.C. COMPATIBLE.
• MULTICOLOR AVAILABLE.
• CATEGORIZED FOR LUMINOUS INTENSITY, YELLOW AND GREEN CATEGORIZED FOR COLOR .
• MECHANICALLY RUGGED.
• STANDARD : GRAY FACE, WHITE SEGMENT.

 




Similar Part No. - SC23-11

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
SC23-11EWA KINGBRIGHT-SC23-11EWA Datasheet
236Kb / 5P
56.9mm (2.3INCH) SINGLE DIGIT NUMERIC DISPLAY
SC23-11SRWA KINGBRIGHT-SC23-11SRWA Datasheet
234Kb / 5P
56.9mm (2.3INCH) SINGLE DIGIT NUMERIC DISPLAY
SC23-11YWA KINGBRIGHT-SC23-11YWA Datasheet
236Kb / 5P
56.9mm (2.3INCH) SINGLE DIGIT NUMERIC DISPLAY
More results


Similar Description - SC23-11

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
UVS-51X UOT-UVS-51X Datasheet
47Kb / 5P
0.56 inch ( 14.22 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
UVS-54XA UOT-UVS-54XA Datasheet
66Kb / 5P
0.52 inch ( 13.2 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
logo
Kingbright Corporation
SA39-11 KINGBRIGHT-SA39-11 Datasheet
152Kb / 5P
9.9 MM (0.39INCH) SINGLE DIGIT NUMERIC DISPLAYS
SA05-11 KINGBRIGHT-SA05-11 Datasheet
481Kb / 5P
12.7 MM SINGLE DIGIT NUMERIC DISPLAYS
logo
Marktech Corporate
MTN6118-ARG MARKTECH-MTN6118-ARG Datasheet
74Kb / 1P
1.8 Bi-Color Sing Single le Digit Displa Display
logo
BetLux Electronics
BL-S50A-18 BETLUX-BL-S50A-18 Datasheet
332Kb / 5P
12.70 mm (0.5) Single digit numeric display series
REV NO: V.2
BL-S50C-11 BETLUX-BL-S50C-11 Datasheet
327Kb / 5P
12.70 mm (0.5) Single digit numeric display series
REV NO: V.2
BL-S50E-11 BETLUX-BL-S50E-11 Datasheet
331Kb / 5P
12.70 mm (0.5) Single digit numeric display series
REV NO: V.2
logo
Kingbright Corporation
SA10-21CGKWA KINGBRIGHT-SA10-21CGKWA Datasheet
225Kb / 5P
25.4 mm (1.0 inch) Single Digit Numeric Display
SA10-21SYKWA KINGBRIGHT-SA10-21SYKWA Datasheet
227Kb / 5P
25.4 mm (1.0 inch) Single Digit Numeric Display
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com