Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDAULC6-1U2 Datasheet (PDF) - STMicroelectronics

ESDAULC6-1U2 Datasheet PDF - STMicroelectronics
Part # ESDAULC6-1U2
Download  ESDAULC6-1U2 Download
File Size   208.64 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Single-line unidirectional ESD protection for high speed interface

ESDAULC6-1U2 Datasheet (PDF)

Go To PDF Page Download Datasheet
ESDAULC6-1U2 Datasheet PDF - STMicroelectronics

Part # ESDAULC6-1U2
Download  ESDAULC6-1U2 Click to download

File Size   208.64 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Single-line unidirectional ESD protection for high speed interface

ESDAULC6-1U2 Datasheet (HTML) - STMicroelectronics


ESDAULC6-1U2 Product details

Description
The ESDAULC6-1U2 is a unidirectional single line TVS diode designed to protect the data lines or other I/O ports against ESD transients. The device is ideal for applications where both reduced line capacitance and board space saving are required.

Features
■ Unidirectional device
■ Ultralow diode capacitance: 0.8 pF
■ Low leakage current
■ 0201 SMD package size compatible
■ Ultra small PCB area: 0.18 mm2
■ RoHS compliant
■ ECOPACK® 2 compliant package Complies with the following standards:
■ IEC 61000-4-2 level 4 – ±15 kV air discharge – ±8 kV contact discharge




Similar Part No. - ESDAULC6-1U2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDAULC6-3BF2 STMICROELECTRONICS-ESDAULC6-3BF2 Datasheet
304Kb / 11P
ESD protection for high speed interface
03-Jul-2007
ESDAULC6-3BP6 STMICROELECTRONICS-ESDAULC6-3BP6 Datasheet
304Kb / 11P
ESD protection for high speed interface
03-Jul-2007
ESDAULC6-8F3 STMICROELECTRONICS-ESDAULC6-8F3 Datasheet
238Kb / 8P
8-line ultralarge bandwidth ESD protection
15-Oct-2010
More results


Similar Description - ESDAULC6-1U2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUP6101DMR2 ONSEMI-NUP6101DMR2 Datasheet
55Kb / 4P
Unidirectional TVS Array for High-Speed Data Line Protection
March, 2004 ??Rev. 1
logo
STMicroelectronics
DSILC6-4XX STMICROELECTRONICS-DSILC6-4XX Datasheet
354Kb / 11P
ESD Protection for high speed interface
28-May-2007
ESDALC6V1-5P6 STMICROELECTRONICS-ESDALC6V1-5P6 Datasheet
246Kb / 8P
ESD protection for high speed interface
15-Nov-2007
ESDAULC6-3BP6 STMICROELECTRONICS-ESDAULC6-3BP6 Datasheet
304Kb / 11P
ESD protection for high speed interface
03-Jul-2007
ESDAXLC6-1BU2 STMICROELECTRONICS-ESDAXLC6-1BU2 Datasheet
135Kb / 10P
Single-line bidirectional ESD protection for high speed interface
21-Sep-2012
ESDARF02-1BU2CK STMICROELECTRONICS-ESDARF02-1BU2CK Datasheet
204Kb / 9P
Single-line bidirectional ESD protection for high speed interface
25-Feb-2015
ESDARF02-1BU2 STMICROELECTRONICS-ESDARF02-1BU2 Datasheet
198Kb / 9P
Single-line bidirectional ESD protection for high speed interface
20-Aug-2015
ESDAXLC6-1BT2 STMICROELECTRONICS-ESDAXLC6-1BT2 Datasheet
224Kb / 10P
Single-line bidirectional ESD protection for high speed interface
12-Aug-2013
ESDAXLC5-1U2 STMICROELECTRONICS-ESDAXLC5-1U2 Datasheet
346Kb / 12P
Low clamping, single-line unidirectional ESD protection for high speed interface
25-Jan-2016
logo
Guangdong Youtai Semico...
PESD24VS1UA UMW-PESD24VS1UA Datasheet
542Kb / 4P
Unidirectional ESD protection of one line
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com