Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDAVLC6-1BF4 Datasheet (PDF) - STMicroelectronics

ESDAVLC6-1BF4 Datasheet PDF - STMicroelectronics
Part # ESDAVLC6-1BF4
Download  ESDAVLC6-1BF4 Download
File Size   292.48 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Multiple ESD strike sustainability

ESDAVLC6-1BF4 Datasheet (PDF)

Go To PDF Page Download Datasheet
ESDAVLC6-1BF4 Datasheet PDF - STMicroelectronics

Part # ESDAVLC6-1BF4
Download  ESDAVLC6-1BF4 Click to download

File Size   292.48 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Multiple ESD strike sustainability

ESDAVLC6-1BF4 Datasheet (HTML) - STMicroelectronics


ESDAVLC6-1BF4 Product details

Description
The ESDAVLC6-1BF4 is a bidirectional single line TVS diode designed to protect the data lines or other I/O ports against ESD transients. The device is ideal for applications where both reduced line capacitance and board space saving are required.

Features
■ Bidirectional device
■ Multiple ESD strike sustainability
■ Very low capacitance: 7 pF max at 0 V
■ Low leakage current
■ Ultra small PCB area
■ RoHS compliant Complies with the following standards
■ IEC 61000-4-2: – ±15 kV (air discharge) – ±8 kV (contact discharge)




Similar Part No. - ESDAVLC6-1BF4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDAVLC6-1BV2 STMICROELECTRONICS-ESDAVLC6-1BV2 Datasheet
129Kb / 9P
Bidirectional device
05-Dec-2012
More results


Similar Description - ESDAVLC6-1BF4

ManufacturerPart #DatasheetDescription
logo
Littelfuse
HVR250P080C LITTELFUSE-HVR250P080C Datasheet
83Kb / 2P
power contact and the natural lightning strike.
logo
RF Micro Devices
RFVC1832A RFMD-RFVC1832A Datasheet
739Kb / 9P
Multiple Frequency Outputs
RFVC1838 RFMD-RFVC1838 Datasheet
603Kb / 10P
Multiple Frequency Outputs
RFVC1839 RFMD-RFVC1839 Datasheet
1Mb / 10P
Multiple Frequency Outputs
logo
HuaXinAn Electronics CO...
2B800HD HUAXINAN-2B800HD Datasheet
304Kb / 2P
Overvoltage protection against direct lightning strike
2B800L8 HUAXINAN-2B800L8 Datasheet
203Kb / 2P
Overvoltage protection against direct lightning strike
logo
Level One
FCS-9900 LVL1-FCS-9900 Datasheet
212Kb / 4P
Multiple servers can be located at multiple sites
logo
M/A-COM Technology Solu...
MA4E20XX MA-COM-MA4E20XX Datasheet
751Kb / 4P
Multiple Configurations
logo
Bel Fuse Inc.
LDX-U20 BEL-LDX-U20 Datasheet
696Kb / 5P
Multiple protections
logo
Lumileds Lighting Compa...
CS117 LUMILEDS-CS117 Datasheet
1Mb / 3P
Comfort Meets Sustainability at UK?셲 Ealing Hospital
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com