Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDAVLC8-1BT2Y Datasheet (PDF) - STMicroelectronics

ESDAVLC8-1BT2Y Datasheet PDF - STMicroelectronics
Part # ESDAVLC8-1BT2Y
Download  ESDAVLC8-1BT2Y Download
File Size   350.83 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Single-line bidirectional protection

ESDAVLC8-1BT2Y Datasheet (PDF)

Go To PDF Page Download Datasheet
ESDAVLC8-1BT2Y Datasheet PDF - STMicroelectronics

Part # ESDAVLC8-1BT2Y
Download  ESDAVLC8-1BT2Y Click to download

File Size   350.83 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Single-line bidirectional protection

ESDAVLC8-1BT2Y Datasheet (HTML) - STMicroelectronics


ESDAVLC8-1BT2Y Product details

Description
The ESDAVLC8-1BT2Y is a bidirectional singleline TVS diode designed to protect data lines or other I/O ports against ESD transients. This device is ideal for applications where both printed circuit board space and power absorption capability are required.

Features
■ Single-line bidirectional protection
■ Breakdown voltage = 8.5 V min.
■ Very low capacitance = 4.5 pF at 0 V
■ Lead-free packages
■ ECOPACK®2 compliant component
■ AEC-Q101 qualified Benefits
■ Very low capacitance for optimized data integrity
■ Very low reverse current < 50 nA
■ Low PCB space consumption: 0.6 mm2
■ High reliability offered by monolithic integration Complies with the following standards:
■ IEC 61000-4-2 (exceeds level 4) – 17 kV (air discharge) – 17 kV (contact discharge)
■ ISO10605: C = 330 pF, R = 330 Ω – 15 kV (air discharge) – 8 kV (contact discharge)
■ MIL STD 883G - Method 3015-7: class 3 – HBM (human body model)




Similar Part No. - ESDAVLC8-1BT2Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDAVLC8-1BT2 STMICROELECTRONICS-ESDAVLC8-1BT2 Datasheet
206Kb / 13P
Single line low capacitance Transil for ESD protection
22-Jan-2010
More results


Similar Description - ESDAVLC8-1BT2Y

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM5060 UNIONSEMI-UM5060 Datasheet
270Kb / 6P
Bidirectional Single Line TVS Protection Diode
UM5060 UNIONSEMI-UM5060_16 Datasheet
194Kb / 6P
Bidirectional Single Line TVS Protection Diode
UM5080T UNIONSEMI-UM5080T_16 Datasheet
182Kb / 6P
Low Capacitance Bidirectional Single Line TVS Protection Diode
logo
STMicroelectronics
ESDA5-1BF4 STMICROELECTRONICS-ESDA5-1BF4 Datasheet
213Kb / 10P
Low clamping single line bidirectional ESD protection
07-Apr-2014
ESDA14V2-1BF3 STMICROELECTRONICS-ESDA14V2-1BF3 Datasheet
210Kb / 9P
Single-line bidirectional Transil™ array for ESD protection
25-Jun-2009
ESDALC8-1BF4 STMICROELECTRONICS-ESDALC8-1BF4 Datasheet
197Kb / 10P
Low clamping single line bidirectional ESD protection
08-Apr-2014
ESDAXLC18-1BF4 STMICROELECTRONICS-ESDAXLC18-1BF4 Datasheet
267Kb / 10P
Extra low capacitance single line bidirectional ESD protection
07-Jul-2016
ESDZV5-1BF4 STMICROELECTRONICS-ESDZV5-1BF4 Datasheet
700Kb / 9P
Ultra low clamping single line bidirectional ESD protection
28-Jul-2017
logo
ACE Technology Co., LTD...
ACE01508U ACE-ACE01508U Datasheet
593Kb / 6P
Low Capacitance Bidirectional Single Line TVS Protection Diode
VER 1.3
logo
Vishay Siliconix
VCUT0610AHD1 VISHAY-VCUT0610AHD1 Datasheet
104Kb / 5P
Bidirectional Asymmetrical (BiAs) Single Line ESD Protection
14-Aug-2019
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com