Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ETP01-XX21 Datasheet (PDF) - STMicroelectronics

ETP01-XX21 Datasheet PDF - STMicroelectronics
Part # ETP01-XX21
Download  ETP01-XX21 Download
File Size   119.41 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Differential and common mode protection

ETP01-XX21 Datasheet (PDF)

Go To PDF Page Download Datasheet
ETP01-XX21 Datasheet PDF - STMicroelectronics

Part # ETP01-XX21
Download  ETP01-XX21 Click to download

File Size   119.41 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Differential and common mode protection

ETP01-XX21 Datasheet (HTML) - STMicroelectronics


ETP01-XX21 Product details

Description
The ETP01 series is a low capacitance transient surge arrestor designed for protection of high debit rate communication network. Planar technology used combines a high surge capability to comply with Telcordia GR1089 Intrabuilding and ITU-T K20/21, and low capacitance to avoid distortion of high speed signals such as Ethernet. TM: Trisil is a trademark of STMicroelectronics SO-8 T1 GND GND T2 T1 GND GND T2 T1 GND GND T2 T1 GND GND T2 T1 GND GND T2 T1 GND GND T2

Features
■ Differential and common mode protection
■ Telcordia GR1089 Intrabuilding: 150 A, 2/10 µs
■ ITU-T K20/21: 40 A, 5/310 µs
■ Low capacitance: 13 pF max at 0 V
■ UL94 V0 approved resin
■ SO-8 package is JEDEC registered Benefits
■ Trisil™ technology is not subject to ageing and provides a fail safe mode in short circuit for a better protection.
■ This series is used to help equipment to meet main standards such as UL61950, IEC 950 / CSA C22.2 and UL1459. Complies with the following standards
■ IEC 61000-4-2: Level 4 – 15 kV (air discharge) – 8 kV (contact discharge)
■ MIL STD 883E-Method 3015-7: class3: – 25 kV (Human body model)
■ Telcordia GR-1089 Core: 100 A, 2/10 µs
■ ITU-T K20/21: 37.5 A, 5/310 µs
■ IEC 61000-4-5: 4 kV, 42 Ω, 96 A, 8/20 µs
■ IEC 61000-4-4 EFT : 40A (5/50ns)




Similar Part No. - ETP01-XX21

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ETP01-162RL STMICROELECTRONICS-ETP01-162RL Datasheet
108Kb / 7P
Protection for Ethernet lines
04-Mar-2008
ETP01-282RL STMICROELECTRONICS-ETP01-282RL Datasheet
108Kb / 7P
Protection for Ethernet lines
04-Mar-2008
More results


Similar Description - ETP01-XX21

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCMF1HDMI2SZ NXP-PCMF1HDMI2SZ Datasheet
1Mb / 20P
Common-mode EMI filter for differential channels with integrated ESD protection
Rev. 2-19 April 2016
PCMF2USB3SZ NXP-PCMF2USB3SZ Datasheet
1Mb / 23P
Common-mode EMI filter for differential channels with integrated ESD protection
Rev. 2-7 March 2016
logo
Pulse A Technitrol Comp...
PA4040.001NL PULSE-PA4040.001NL Datasheet
536Kb / 2P
THT Integrated Common Mode and Differential Mode Choke
logo
Nexperia B.V. All right...
PCMFXUSB3S NEXPERIA-PCMFXUSB3S Datasheet
9Mb / 22P
Common-mode EMI filter for differential channels with integrated ESD protection
PCMFXUSB30 NEXPERIA-PCMFXUSB30 Datasheet
2Mb / 23P
Common-mode EMI filter for differential channels with integrated ESD protection
PCMF2DFN1 NEXPERIA-PCMF2DFN1 Datasheet
1Mb / 15P
Common-mode EMI filter for differential channels with integrated ESD protection
logo
Pulse A Technitrol Comp...
PA4040.XXXNL PULSE-PA4040.XXXNL Datasheet
536Kb / 2P
THT Integrated Common Mode and Differential Mode Choke
logo
Nexperia B.V. All right...
PCMFXHDMI14S_SER NEXPERIA-PCMFXHDMI14S_SER Datasheet
2Mb / 17P
Common-mode EMI filter for differential channels with integrated ESD protection
Rev. 1 - 15 September 2016
PCMFXUSB30_SER NEXPERIA-PCMFXUSB30_SER Datasheet
2Mb / 23P
Common-mode EMI filter for differential channels with integrated ESD protection
Rev. 1 - 01 April 2016
PCMFXUSB3S_SER NEXPERIA-PCMFXUSB3S_SER Datasheet
9Mb / 22P
Common-mode EMI filter for differential channels with integrated ESD protection
Rev. 3 - 7 March 2019
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com