Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE3080 Datasheet (PDF) - WILLAS ELECTRONIC CORP

SE3080 Datasheet PDF - WILLAS ELECTRONIC CORP
Part # SE3080
Download  SE3080 Download
File Size   1385.79 Kbytes
Page   5 Pages
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP
Description 30V,80A N-Channel MOSFET

SE3080 Datasheet (PDF)

Go To PDF Page Download Datasheet
SE3080 Datasheet PDF - WILLAS ELECTRONIC CORP

Part # SE3080
Download  SE3080 Click to download

File Size   1385.79 Kbytes
Page   5 Pages
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP
Description 30V,80A N-Channel MOSFET

SE3080 Datasheet (HTML) - WILLAS ELECTRONIC CORP




Similar Part No. - SE3080

ManufacturerPart #DatasheetDescription
logo
ShangHai Sino-IC Microe...
SE3080A SINO-IC-SE3080A Datasheet
448Kb / 6P
N-Channel Enhancement-Mode MOSFET
Revision: A
SE3080K SINO-IC-SE3080K Datasheet
448Kb / 6P
N-Channel Enhancement-Mode MOSFET
Revision: A
More results


Similar Description - SE3080

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB80NE03L-06 STMICROELECTRONICS-STB80NE03L-06 Datasheet
295Kb / 9P
N-CHANNEL 30V - 0.005ohm - 80A D2PAK / I2PAK STripFET™ POWER MOSFET
Feb-2003
STV80NE03L-06 STMICROELECTRONICS-STV80NE03L-06 Datasheet
91Kb / 8P
N - CHANNEL 30V - 0.005ohm - 80A - PowerSO-10 STripFET MOSFET
May-2000
STL80NF3LL STMICROELECTRONICS-STL80NF3LL Datasheet
344Kb / 9P
N-CHANNEL 30V - 0.0045ohm - 80A PowerFLAT(6X5) STripFET II MOSFET
22-Jun-2005
logo
Fairchild Semiconductor
FDB8860 FAIRCHILD-FDB8860 Datasheet
260Kb / 7P
N-Channel Logic Level PowerTrench짰 MOSFET 30V, 80A, 2.6mOhm
FDB8832 FAIRCHILD-FDB8832 Datasheet
294Kb / 7P
N-Channel Logic Level PowerTrench MOSFET 30V, 80A, 2.1mOHM
logo
STMicroelectronics
STB230NH03L STMICROELECTRONICS-STB230NH03L Datasheet
414Kb / 13P
N-channel 30V - 80A - D2PAK STripFET??Power MOSFET
08-Jun-2007
logo
Fairchild Semiconductor
FDB8132 FAIRCHILD-FDB8132 Datasheet
338Kb / 7P
N-Channel PowerTrench짰 MOSFET 30V, 80A, 1.6m廓
FDB8160 FAIRCHILD-FDB8160 Datasheet
329Kb / 7P
N-Channel PowerTrench짰 MOSFET 30V, 80A, 1.8m廓
FDB8860 FAIRCHILD-FDB8860_10 Datasheet
158Kb / 7P
N-Channel Logic Level PowerTrench짰 MOSFET 30V, 80A, 2.6m
logo
STMicroelectronics
STP80NF03L STMICROELECTRONICS-STP80NF03L Datasheet
214Kb / 8P
N-CHANNEL 30V - 0.004 - 80A TO-220 STripFET II MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com