Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLR336T Datasheet (PDF) - Toshiba Semiconductor

TLR336T Datasheet PDF - Toshiba Semiconductor
Part # TLR336T
Download  TLR336T Download
File Size   248.74 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description LED DISPLAY

TLR336T Datasheet (PDF)

Go To PDF Page Download Datasheet
TLR336T Datasheet PDF - Toshiba Semiconductor

Part # TLR336T
Download  TLR336T Click to download

File Size   248.74 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description LED DISPLAY

TLR336T Datasheet (HTML) - Toshiba Semiconductor


TLR336T Product details

• 8mm (0.3") Character Height Numerical Display

• Application : Numerical Readout for Instrument and Consumer Product.

• Luminous Intensity Ranking Performed Uniform Display

• Available Both Types of Package Colors.

 TL□xxxS : Gray Color Coated Only on Surface

 TL□xxxT : Black Color Coated Only on Surface



 




Similar Part No. - TLR336T

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLR336S TOSHIBA-TLR336S Datasheet
262Kb / 6P
LED LAMP 8.0mm(0.3inch)Character Height Numerical Display
More results


Similar Description - TLR336T

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTC-4724JS LITEON-LTC-4724JS Datasheet
363Kb / 6P
LED Display
LTC-4727JR LITEON-LTC-4727JR Datasheet
375Kb / 6P
LED Display
LTD-5633C LITEON-LTD-5633C Datasheet
494Kb / 7P
LED Display
LTD-6950HR LITEON-LTD-6950HR Datasheet
357Kb / 6P
LED Display
LTS-5301AP LITEON-LTS-5301AP Datasheet
345Kb / 6P
LED Display
LTS-6960HR LITEON-LTS-6960HR Datasheet
346Kb / 6P
LED Display
LTP-14158AG LITEON-LTP-14158AG Datasheet
437Kb / 6P
LED Display
LTP-14858AA LITEON-LTP-14858AA Datasheet
415Kb / 6P
LED Display
LTS-4301JR LITEON-LTS-4301JR Datasheet
355Kb / 6P
LED Display
LTP-3363CKR-P LITEON-LTP-3363CKR-P Datasheet
216Kb / 10P
LED DISPLAY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com