Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS722LLCTR-20AB-T2 Datasheet (PDF) - Allegro MicroSystems

ACS722LLCTR-20AB-T2 Datasheet PDF - Allegro MicroSystems
Part # ACS722LLCTR-20AB-T2
Download  ACS722LLCTR-20AB-T2 Download
File Size   692.12 Kbytes
Page   22 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description High Accuracy, Galvanically Isolated Current Sensor IC With Small Footprint SOIC8 Package

ACS722LLCTR-20AB-T2 Datasheet (PDF)

Go To PDF Page Download Datasheet
ACS722LLCTR-20AB-T2 Datasheet PDF - Allegro MicroSystems

Part # ACS722LLCTR-20AB-T2
Download  ACS722LLCTR-20AB-T2 Click to download

File Size   692.12 Kbytes
Page   22 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description High Accuracy, Galvanically Isolated Current Sensor IC With Small Footprint SOIC8 Package

ACS722LLCTR-20AB-T2 Datasheet (HTML) - Allegro MicroSystems


ACS722LLCTR-20AB-T2 Product details

DESCRIPTION
The Allegro™ACS722 current sensor IC is an economical and precise solution for AC or DC current sensing in industrial, commercial, and communications systems. The small package is ideal for space constrained applications while also saving costs due to reduced board area. Typical applications include motor control, load detection and management, switched-mode power supplies, and overcurrent fault protection.

FEATURES AND BENEFITS
• Patented integrated digital temperature compensation circuitry allows for near closed loop accuracy over temperature in an open loop sensor
• UL60950-1 (ed. 2) certified
    □ Dielectric Strength Voltage = 2.4 kVrms
    □ Basic Isolation Working Voltage = 420 Vpk/297 Vrms
• Industry-leading noise performance with greatly improved bandwidth through proprietary amplifier and filter design techniques
• Pin-selectable band width: 80 kHz for high bandwidth applications or 20 kHz for low noise performance
• 0.65 mΩ primary conductor resistance for low power loss and high inrush current withstand capability
• Small footprint, low-profile SOIC8 package suitable for space-constrained applications
• Integrated shield virtually eliminates capacitive coupling from current conductor to die, greatly suppressing output noise due to high dv/dt transients
• 3 to 3.6 V, single supply operation
• Output voltage proportional to AC or DC current
• Factory-trimmed sensitivity and quiescent output voltage for improved accuracy
• Chopper stabilization results in extremely stable quiescent output voltage
• Nearly zero magnetic hysteresis
• Ratiometric output from supply voltage




Similar Part No. - ACS722LLCTR-20AB-T2

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS722LLCTR-20AB-T ALLEGRO-ACS722LLCTR-20AB-T Datasheet
1Mb / 23P
High Accuracy, Galvanically Isolated Current Sensor IC with Small Footprint SOIC8 Package
September 3, 2019 REVISION 5
More results


Similar Description - ACS722LLCTR-20AB-T2

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS723 ALLEGRO-ACS723 Datasheet
686Kb / 22P
High Accuracy, Galvanically Isolated Current Sensor IC
ACS724 ALLEGRO-ACS724 Datasheet
620Kb / 25P
Automotive-Grade, Galvanically Isolated Current Sensor IC
ACS725 ALLEGRO-ACS725 Datasheet
629Kb / 19P
Automotive-Grade, Galvanically Isolated Current Sensor IC
ACS730 ALLEGRO-ACS730 Datasheet
883Kb / 18P
1 MHz Bandwidth, Galvanically Isolated Current Sensor IC
ACS720 ALLEGRO-ACS720 Datasheet
1Mb / 35P
High Accuracy, Dual Fault, Galvanically Isolated Current Sensor in SOIC16 Wide-Body Package
ACS732 ALLEGRO-ACS732 Datasheet
2Mb / 37P
1 MHz Bandwidth, Galvanically Isolated Current Sensor IC in SOIC-16 Package
ACS772 ALLEGRO-ACS772 Datasheet
2Mb / 41P
High Accuracy, Hall-Effect-Based, 200 kHz Bandwidth, Galvanically Isolated Current Sensor IC with 100 關廓 Current Conductor
ACS773 ALLEGRO-ACS773 Datasheet
1Mb / 26P
High Accuracy, Hall-Effect-Based, 200 kHz Bandwidth, Galvanically Isolated Current Sensor IC with 100 關廓 Current Conductor
ACS732KMA ALLEGRO-ACS732KMA Datasheet
2Mb / 22P
1 MHz Bandwidth, Galvanically Isolated Current Sensor IC in SOIC-16 Package
ACS773 ALLEGRO-ACS773_V01 Datasheet
2Mb / 32P
High Accuracy, Hall-Effect-Based, 200 kHz Bandwidth, Galvanically Isolated Current Sensor IC with 100 μΩ Current Conductor
August 12, 2021
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com