Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBK-3-24 Datasheet (PDF) - CUI INC

PBK-3-24 Datasheet PDF - CUI INC
Part # PBK-3-24
Download  PBK-3-24 Download
File Size   746.27 Kbytes
Page   9 Pages
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC
Description up to 3 W continuous output

PBK-3-24 Datasheet (PDF)

Go To PDF Page Download Datasheet
PBK-3-24 Datasheet PDF - CUI INC

Part # PBK-3-24
Download  PBK-3-24 Click to download

File Size   746.27 Kbytes
Page   9 Pages
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC
Description up to 3 W continuous output

PBK-3-24 Datasheet (HTML) - CUI INC




Similar Part No. - PBK-3-24

ManufacturerPart #DatasheetDescription
logo
CUI INC
PBK-3-24 CUI-PBK-3-24 Datasheet
368Kb / 6P
AC-DC POWER SUPPLY
PBK-3-24 CUI-PBK-3-24 Datasheet
732Kb / 9P
AC-DC POWER SUPPLY
More results


Similar Description - PBK-3-24

ManufacturerPart #DatasheetDescription
logo
CUI INC
VSK-S25-5U-T CUI-VSK-S25-5U-T Datasheet
224Kb / 5P
AC-DC POWER SUPPLY up to 25 W continuous output
VHB350-D48-S24 CUI-VHB350-D48-S24 Datasheet
216Kb / 4P
up to 350 W isolated output
logo
XP Power Limited
DSF226 XPPOWER-DSF226 Datasheet
90Kb / 2P
Up to 200 W Output Power
FCM XPPOWER-FCM Datasheet
220Kb / 2P
400 W Continuous, 600 W Peak
HPU1K5PS12 XPPOWER-HPU1K5PS12 Datasheet
2Mb / 8P
Output Power up to 1500 W
logo
Vicor Corporation
BCM384Y120X1K5AC1 VICOR-BCM384Y120X1K5AC1 Datasheet
2Mb / 23P
Up to 1500 W continuous output power
logo
CUI INC
SWI10-N CUI-SWI10-N Datasheet
550Kb / 5P
up to 12 W continuous power
SWI25-E CUI-SWI25-E Datasheet
439Kb / 4P
up to 25.2 W continuous power
VF-D250-DXXA CUI-VF-D250-DXXA Datasheet
466Kb / 5P
up to 250 W continuous power w/ 16 CFM forced air
logo
Artesyn Technologies
AIF ARTESYN-AIF Datasheet
549Kb / 3P
Up to 1600 W output power
More results




About CUI INC


CUI Inc. is a technology company that specializes in the development and manufacture of electronic components and systems. The company is based in Tualatin, Oregon, and has been in operation for over 30 years.

CUI offers a wide range of products, including power supplies, connectors, audio products, sensors, and embedded computers. The company's products are used in various applications, including industrial automation, medical equipment, telecommunications, and consumer electronics.

CUI is known for its focus on innovation and customer satisfaction. The company has a strong commitment to developing new technologies and providing high-quality products and services to its customers. CUI also offers custom design services to customers with specific needs.

In addition to its headquarters in Oregon, CUI has offices and facilities in Asia, Europe, and North America, allowing the company to serve customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com