Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS616 Datasheet (PDF) - Toshiba Semiconductor

TPS616 Datasheet PDF - Toshiba Semiconductor
Part # TPS616
Download  TPS616 Download
File Size   205.46 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description PHOTO TRANSISTOR SILICON NPN EPITAXIAL PLANAR

TPS616 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS616 Datasheet PDF - Toshiba Semiconductor

Part # TPS616
Download  TPS616 Click to download

File Size   205.46 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description PHOTO TRANSISTOR SILICON NPN EPITAXIAL PLANAR

TPS616 Datasheet (HTML) - Toshiba Semiconductor


TPS616 Product details

Lead(Pb)-Free
Floppy Disk Drive
VCR
Position Detector Of Home Electric Equipment
Opto-electronic Switch

• φ3.1mm epoxy resin package. (black)
• Light current: IL = 10μA (min.) at E = 0.1mW/cm2
• Half value angle: θ1/2 = ±30° (typ.)
• Protected from external light by black mold packaging.




Similar Part No. - TPS616

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPS616 TOSHIBA-TPS616 Datasheet
209Kb / 6P
Silicon NPN Epitaxial Planar
TPS616 TOSHIBA-TPS616 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
TPS616F TOSHIBA-TPS616F Datasheet
209Kb / 6P
Silicon NPN Epitaxial Planar
TPS616 TOSHIBA-TPS616_07 Datasheet
209Kb / 6P
Silicon NPN Epitaxial Planar
More results


Similar Description - TPS616

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPS615 TOSHIBA-TPS615 Datasheet
203Kb / 5P
TOSHIBA PHOTO TRANSISTOR SILICON NPN EPITAXIAL PLANAR
08-Sep-1997
TPS625 TOSHIBA-TPS625 Datasheet
178Kb / 4P
TOSHIBA PHOTO DARLINGTON TRANSISTOR SILICON NPN EPITAXIAL PLANAR
08-Sep-1997
TPS614 TOSHIBA-TPS614 Datasheet
205Kb / 4P
PHOTO TRANSISTOR SILICON NPN EPITAXIAL PLANAR
TPS621 TOSHIBA-TPS621 Datasheet
216Kb / 4P
TOSHIBA PHOTO TRNSISTOR SILICON NPN EPITAXIAL PLANAR
TPS603A TOSHIBA-TPS603A Datasheet
194Kb / 4P
PHOTO TRANSISTOR SILICON NPN EPITAXIAL PLANAR
TPS612 TOSHIBA-TPS612 Datasheet
188Kb / 4P
SILICON NPN EPITAXIAL PLANAR FOR PHOTO SENSOR
08-Sep-1997
TPS613 TOSHIBA-TPS613 Datasheet
193Kb / 4P
SILICON NPN EPITAXIAL PLANAR FOR PHOTO SENSOR
08-Sep-1997
logo
NEC
PT8L NEC-PT8L Datasheet
843Kb / 4P
NPN EPITAXIAL TYPE SILICON PHOTO TRANSISTOR
logo
Unisonic Technologies
2SD1060 UTC-2SD1060 Datasheet
134Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
GTM CORPORATION
GJSD1802 GTM-GJSD1802 Datasheet
491Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com