Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1SS356 Datasheet (PDF) - Weitron Technology

1SS356 Datasheet PDF - Weitron Technology
Part # 1SS356
Download  1SS356 Download
File Size   1255.64 Kbytes
Page   3 Pages
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology
Description Band Switching Diode 100m AMPERES 35 VOLTS

1SS356 Datasheet (PDF)

Go To PDF Page Download Datasheet
1SS356 Datasheet PDF - Weitron Technology

Part # 1SS356
Download  1SS356 Click to download

File Size   1255.64 Kbytes
Page   3 Pages
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology
Description Band Switching Diode 100m AMPERES 35 VOLTS

1SS356 Datasheet (HTML) - Weitron Technology


1SS356 Product details

Features:
* Low Diode Capacitance : 1.2pF(Max.)
* Low Diode Forward Resistance : 0.9Ω(Max.)
* Low Reverse Current : IR = 10nA(Max.)
* Small outline Surface mount SOD-323 Package

Applications:
* Low Loss Band Switching in VHF televison Tuners.

Mechanical Data:
* Terminals : Solderable Per MIL-STD-202 Method 208
* Polarity : See Equivalent Circuit Diagram.
* Weight : 0.004 grams(approx)




Similar Part No. - 1SS356

ManufacturerPart #DatasheetDescription
logo
Rohm
1SS356 ROHM-1SS356 Datasheet
335Kb / 4P
Band switching diode
logo
Pan Jit International I...
1SS356 PANJIT-1SS356 Datasheet
75Kb / 3P
SURFACE MOUNT PIN DIODE
logo
Rohm
1SS356 ROHM-1SS356 Datasheet
257Kb / 4P
Band Switching Diode
logo
Guangdong Kexin Industr...
1SS356 KEXIN-1SS356 Datasheet
30Kb / 1P
Band switching diode
logo
Rohm
1SS356 ROHM-1SS356 Datasheet
134Kb / 4P
Band switching diode
More results


Similar Description - 1SS356

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
RM35HG-34S POWEREX-RM35HG-34S Datasheet
27Kb / 2P
Super Fast Recovery Single Diode (35 Amperes/1700 Volts)
logo
Vicor Corporation
02550 VICOR-02550 Datasheet
43Kb / 1P
SWITCHING DIODE, DO-35
logo
DAESAN ELECTRONIC CORP.
SBP1535 DAESAN-SBP1535 Datasheet
255Kb / 2P
CURRENT 15.0 AMPERES VOLTAGE 35 TO 60 VOLTS
SBR735 DAESAN-SBR735 Datasheet
256Kb / 2P
CURRENT 7.5.AMPERES VOLTAGE 35 TO 60 VOLTS
logo
Weitron Technology
1SS181 WEITRON-1SS181 Datasheet
221Kb / 2P
Surface Mount Switching Diodes 100m AMPERES 80 VOLTS
logo
Micro Commercial Compon...
1SS265 MCC-1SS265 Datasheet
456Kb / 2P
150mW 35 Volt Band Switching Diode
logo
Weitron Technology
1SS400D WEITRON-1SS400D Datasheet
511Kb / 3P
SWITCHING DIODES 100m AMPERES 90 VOLTS
BA277 WEITRON-BA277 Datasheet
1Mb / 3P
BAND SWITCHING DIODE 100m AMPERES 35 VOLTS
WSD521BS WEITRON-WSD521BS Datasheet
669Kb / 3P
SMALL SIGNAL SCHOTTKY DIODES 100m AMPERES 30 VOLTS
logo
Rectron Semiconductor
RS3508M RECTRON-RS3508M Datasheet
204Kb / 5P
VOLTAGE 1200 Volts CURRENT 35 Amperes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com