Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B140E Datasheet (PDF) - Weitron Technology

B140E Datasheet PDF - Weitron Technology
Part # B140E
Download  B140E Download
File Size   1202.68 Kbytes
Page   5 Pages
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology
Description Reverse Voltage 20 to 200V Forward Current 1.0A

B140E Datasheet (PDF)

Go To PDF Page Download Datasheet
B140E Datasheet PDF - Weitron Technology

Part # B140E
Download  B140E Click to download

File Size   1202.68 Kbytes
Page   5 Pages
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology
Description Reverse Voltage 20 to 200V Forward Current 1.0A

B140E Datasheet (HTML) - Weitron Technology


B140E Product details

Reverse Voltage 20 to 200V Forward Current 1.0A

FEATURES
* Plastic package has Underwriters Laboratory Flammability Classification 94V-0
* Low power loss,high efficiency
* For use in low voltage high frequency inverters, free wheeling,and polarity protection applications
* Guardring for over voltage protection
* High temperature soldering guaranteed: 260°C/10 seconds at terminals




Similar Part No. - B140E

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B140 DIODES-B140 Datasheet
57Kb / 3P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13002 Rev. 13 - 2
logo
Fuji Electric
B140 FUJI-B140 Datasheet
648Kb / 1P
1 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Weitron Technology
B140 WEITRON-B140 Datasheet
213Kb / 3P
Surface Mount Schottky Barrier Rectifiers
logo
Galaxy Semi-Conductor H...
B140 BILIN-B140 Datasheet
70Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
B140 VISHAY-B140 Datasheet
111Kb / 5P
Surface Mount Schottky Barrier Rectifier
19-May-08
More results


Similar Description - B140E

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200FT1G LRC-LMBR1200FT1G Datasheet
172Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 20 to 200V Forward Current 1.0A
LMBR120ET1G LRC-LMBR120ET1G Datasheet
495Kb / 11P
Schottky Barrier Rectifiers Reverse Voltage 20 to 200V Forward Current 1.0A
logo
Weitron Technology
B120F WEITRON-B120F Datasheet
1Mb / 6P
Reverse Voltage 20 to 200V Forward Current 1.0A
logo
First Silicon Co., Ltd
FDR120F FS-FDR120F Datasheet
276Kb / 3P
Schottky Barrier Rectifiers Reverse Voltage 20 to 200V Forward Current 1.0A
logo
AiT Semiconductor Inc.
MBR120E AITSEMI-MBR120E Datasheet
484Kb / 5P
SCHOTTKY BARRIER RECTIFIERS REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 1.0A
REV1.1
MBR120F AITSEMI-MBR120F Datasheet
435Kb / 5P
SCHOTTKY BARRIER RECTIFIERS REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 1.0A
REV2.0
SM120A AITSEMI-SM120A Datasheet
571Kb / 5P
SCHOTTKY DIODE REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 1.0A
REV2.2
SM320A AITSEMI-SM320A Datasheet
722Kb / 5P
SCHOTTKY DIODE REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 3.0A
REV1.0
SM520A AITSEMI-SM520A Datasheet
486Kb / 5P
SCHOTTKY DIODE REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 5.0A
REV1.0
SM1100A AITSEMI-SM1100A Datasheet
571Kb / 5P
SCHOTTKY DIODE REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 1.0A
REV2.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com