Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAPGM0064 Datasheet (PDF) - Tyco Electronics

MAAPGM0064 Datasheet PDF - Tyco Electronics
Part # MAAPGM0064
Download  MAAPGM0064 Download
File Size   216.82 Kbytes
Page   5 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Variable Drain Voltage (4-10V) Operation

MAAPGM0064 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAAPGM0064 Datasheet PDF - Tyco Electronics

Part # MAAPGM0064
Download  MAAPGM0064 Click to download

File Size   216.82 Kbytes
Page   5 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Variable Drain Voltage (4-10V) Operation

MAAPGM0064 Datasheet (HTML) - Tyco Electronics


MAAPGM0064 Product details

Description
The MAAP-000064-PKG003 is a 2-stage 2.0 W power amplifier with on-chip bias networks in a 5mm, 20 lead PQFN package, allowing easy assembly. This product is fully matched to 50 ohms on both the input and output. It can be used as a power amplifier stage or as a driver stage in high power applications.
Each device is 100% RF tested to ensure performance compliance. The part is fabricated using M/A-COM’s GaAs Multifunction Self-Aligned Gate (MSAG) Process.
The 5 mm PQFN package has a lead-free lead finish that is RoHS compliant and compatible with a 260oC reflow temperature. The package also features low lead inductance and an excellent thermal path. The MTTF is 1,000,000 hours at 170°C.

Features
♦ 2 Watt Saturated Output Power Level
♦ Variable Drain Voltage (6-10V) Operation
♦ MSAG™ Process

Primary Applications
♦ Multiple Band Point-to-Point Radio
♦ SatCom
♦ ISM Band




Similar Part No. - MAAPGM0064

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAPGM0064 MACOM-MAAPGM0064 Datasheet
212Kb / 5P
Amplifier, Power, 2.0 W 6.5-9.5 GHz
MAAPGM0064 MACOM-MAAPGM0064 Datasheet
152Kb / 4P
Amplifier, Power, 2W 6.5-9.5 GHz
More results


Similar Description - MAAPGM0064

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN1432MS PANASONIC-AN1432MS Datasheet
39Kb / 3P
Variable output, low voltage operation shunt regulator IC
logo
Sanyo Semicon Device
L78MG SANYO-L78MG Datasheet
71Kb / 3P
Variable 4-Pin Voltage Regulator
L78MG SANYO-L78MG Datasheet
58Kb / 3P
Variable 4-Pin Voltage Regulator
logo
Panasonic Semiconductor
AN1433SSM PANASONIC-AN1433SSM Datasheet
98Kb / 7P
High accuracy, variable output, low voltage operation shunt regulator
logo
Maxim Integrated Produc...
MAX674 MAXIM-MAX674_04 Datasheet
105Kb / 5P
10V Precision Voltage Reference
Rev 2; 7/04
logo
SemiHow Co.,Ltd.
SPGP0265A SEMIHOW-SPGP0265A Datasheet
192Kb / 8P
Variable frequency operation
SPGP0280A SEMIHOW-SPGP0280A Datasheet
191Kb / 8P
Variable frequency operation
logo
M.S. Kennedy Corporatio...
MSK0008 MSK-MSK0008_15 Datasheet
122Kb / 5P
Single Supply Operation From 10V to 45V
logo
Tyco Electronics
MAAPGM0069-DIE MACOM-MAAPGM0069-DIE Datasheet
358Kb / 8P
Variable Drain Voltage (6-10V) Operation
MAAPGM0070-DIE MACOM-MAAPGM0070-DIE Datasheet
383Kb / 8P
Variable Drain Voltage (4-10V) Operation
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com