Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3974 Datasheet (PDF) - Allegro MicroSystems

3974 Datasheet PDF - Allegro MicroSystems
Part # 3974
Download  3974 Download
File Size   178.0 Kbytes
Page   12 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description DMOS DUAL FULL-BRIDGE PWM MOTOR DRIVER

3974 Datasheet (PDF)

Go To PDF Page Download Datasheet
3974 Datasheet PDF - Allegro MicroSystems

Part # 3974
Download  3974 Click to download

File Size   178.0 Kbytes
Page   12 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description DMOS DUAL FULL-BRIDGE PWM MOTOR DRIVER

3974 Datasheet (HTML) - Allegro MicroSystems


3974 Product details

DMOS DUAL FULL-BRIDGE PWM MOTOR DRIVER

Designed for pulse-width modulated (PWM) current control of two dc motors, the A3974SED is capable of output currents to ±1.5 A and operating voltages to 50 V. Internal fixed off-time PWM current-control timing circuitry can be programmed via a serial interface to operate in slow, fast, and mixed current-decay modes.
Independant ENABLE input terminals are provided for use in controlling the speed and torque of each dc motor with externally applied PWM control signals.
Synchronous rectification circuitry allows the load current to flow through the low rDS(on) of the DMOS output driver during the current decay. This feature will eliminate the need for external clamp diodes in most applications, saving cost and external component count, while minimizing power dissipation.

FEATURES
■ ±1.5 A, 50 V Continuous Output Rating
■ Low rDS(on) DMOS Output Drivers
■ Programmable Slow, Fast, and Mixed Current-Decay Modes
■ Serial-Interface Controls Chip Functions
■ Synchronous Rectification for Low Power Dissipation
■ Internal UVLO and Thermal Shutdown Circuitry
■ Crossover-Current Protection
■ Sleep and Idle Modes




Similar Part No. - 3974

ManufacturerPart #DatasheetDescription
logo
Adafruit Industries
3974 ADAFRUIT-3974 Datasheet
214Kb / 3P
Ad Blocking Kit for Pi-Hole with 2.8" PiTFT - No Soldering! - No Raspberry Pi Included
10-15-18
logo
Allegro MicroSystems
3974 ALLEGRO-3974_1 Datasheet
617Kb / 12P
DMOS DUAL FULL-BRIDGE PWM MOTOR DRIVER
More results


Similar Description - 3974

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3965 ALLEGRO-3965 Datasheet
186Kb / 7P
DMOS DUAL FULL-BRIDGE PWM MOTOR DRIVER
12/4/2002
A3965 ALLEGRO-A3965 Datasheet
390Kb / 8P
DMOS Dual Full-Bridge PWM Motor Driver
November 1, 2004
3974 ALLEGRO-3974_1 Datasheet
617Kb / 12P
DMOS DUAL FULL-BRIDGE PWM MOTOR DRIVER
A3995 ALLEGRO-A3995 Datasheet
939Kb / 9P
DMOS Dual Full Bridge PWM Motor Driver
A4954 ALLEGRO-A4954 Datasheet
248Kb / 9P
Dual Full-Bridge DMOS PWM Motor Driver
A3959SLB-T ALLEGRO-A3959SLB-T Datasheet
562Kb / 12P
DMOS Full-Bridge PWM Motor Driver
A4950KLJTR-T ALLEGRO-A4950KLJTR-T Datasheet
231Kb / 9P
Full-Bridge DMOS PWM Motor Driver
A4954 ALLEGRO-A4954_16 Datasheet
247Kb / 9P
Dual Full-Bridge DMOS PWM Motor Driver
A5995 ALLEGRO-A5995 Datasheet
715Kb / 12P
DMOS Dual Full-Bridge PWM Motor Driver
A3974 ALLEGRO-A3974 Datasheet
470Kb / 12P
DMOS Dual Full-Bridge PWM Motor Driver
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com