Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFDU4202 Datasheet (PDF) - Vishay Siliconix

TFDU4202 Datasheet PDF - Vishay Siliconix
Part # TFDU4202
Download  TFDU4202 Download
File Size   122.04 Kbytes
Page   12 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Integrated Low Profile Transceiver Module for Telecom Applications – IrDA Standard

TFDU4202 Datasheet (PDF)

Go To PDF Page Download Datasheet
TFDU4202 Datasheet PDF - Vishay Siliconix

Part # TFDU4202
Download  TFDU4202 Click to download

File Size   122.04 Kbytes
Page   12 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Integrated Low Profile Transceiver Module for Telecom Applications – IrDA Standard

TFDU4202 Datasheet (HTML) - Vishay Siliconix


TFDU4202 Product details

• Package Dimension:
L 7.1 mm x W 4.7 mm x H 2.8 mm
•Compatible to the latest IrDA IrPHY Standard
•CIR Remote Control Operation:
Typical Transmission Range 8 m Using Standard
RC–Receivers. Receives RC–Commands with
Typical Specified Sensitivity.
•SMD Side View
•Lowest Power Consumption
65 µA, Receive Mode, 0.01 µA Shutdown Current
•Built-in Current Limitation
•Output Intensity Adjustable beyond
IrDA Low Power
•Supply Voltage Range (2.4 V to 5.5 V)
•Operational down to 2.0 V
•Fewest External Components
•Eye Safety: Double Safety
Measures:
Limited Optical Output Pulse Duration
Limited Optical Output Intensity
IEC60825–1, 2001: Class 1
•Tri–State Output (Rxd)
•High EMI Immunity
•SD Pin




Similar Part No. - TFDU4202

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFDU4202 VISHAY-TFDU4202 Datasheet
208Kb / 13P
Integrated Low Profile Transceiver Module for Telecom Applications - IrDA Standard
05-Dec-05
TFDU4202-TR1 VISHAY-TFDU4202-TR1 Datasheet
208Kb / 13P
Integrated Low Profile Transceiver Module for Telecom Applications - IrDA Standard
05-Dec-05
TFDU4202-TR3 VISHAY-TFDU4202-TR3 Datasheet
208Kb / 13P
Integrated Low Profile Transceiver Module for Telecom Applications - IrDA Standard
05-Dec-05
More results


Similar Description - TFDU4202

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
CND0004A PANASONIC-CND0004A Datasheet
47Kb / 3P
Optical Transceiver Module for IrDA
logo
TEMIC Semiconductors
TFDS3000 TEMIC-TFDS3000 Datasheet
221Kb / 10P
Integrated Infrared Transceiver Module IrDA (SIR)
logo
Vishay Siliconix
TFDU5307 VISHAY-TFDU5307 Datasheet
270Kb / 17P
Fast Low Profile (2.5 mm) Infrared Transceiver Module(MIR, 1.152 Mbit/s) for IrDA Applications
07-Apr-06
TFDU5107 VISHAY-TFDU5107 Datasheet
233Kb / 13P
Integrated Low Profile Transceiver Module for Telecom Applications
01-Nov-02
TFDU4101 VISHAY-TFDU4101 Datasheet
266Kb / 16P
Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA Applications
11-Jul-06
logo
Unity Opto Technology
UTS-413T UOT-UTS-413T Datasheet
62Kb / 4P
Infrared IrDA Transceiver Module
logo
Vishay Siliconix
TFDU4202 VISHAY-TFDU4202 Datasheet
208Kb / 13P
Integrated Low Profile Transceiver Module for Telecom Applications - IrDA Standard
05-Dec-05
TFBS6711 VISHAY-TFBS6711 Datasheet
216Kb / 14P
Low Profile Fast Infrared Transceiver (FIR, 4 Mbit/s) for IrDA Applications
21-Feb-07
logo
Sharp Corporation
GP2W0004YP SHARP-GP2W0004YP Datasheet
49Kb / 7P
IrDA Transceiver Module
logo
Vishay Siliconix
TFDU4101 VISHAY-TFDU4101_09 Datasheet
270Kb / 13P
Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA Applications
08-Jul-09
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com