Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SJ567 Datasheet (PDF) - Toshiba Semiconductor

2SJ567 Datasheet PDF - Toshiba Semiconductor
Part # 2SJ567
Download  2SJ567 Download
File Size   234.93 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Switching Applications

2SJ567 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SJ567 Datasheet PDF - Toshiba Semiconductor

Part # 2SJ567
Download  2SJ567 Click to download

File Size   234.93 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Switching Applications

2SJ567 Datasheet (HTML) - Toshiba Semiconductor


2SJ567 Product details

Switching Applications
Chopper Regulator, DC/DC Converter and Motor Drive Applications

• Low drain-source ON-resistance: RDS (ON) = 1.6 Ω (typ.)
• High forward transfer admittance: |Yfs| = 2.0 S (typ.)
• Low leakage current: IDSS = −100 μA (max) (VDS = −200 V)
• Enhancement model: Vth = −1.5 to −3.5 V (VDS = −10 V, ID = −1 mA)




Similar Part No. - 2SJ567

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SJ567 TOSHIBA-2SJ567 Datasheet
195Kb / 6P
Silicon P-Channel MOS Type Switching Applications
2SJ567 TOSHIBA-2SJ567 Datasheet
184Kb / 6P
TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (MOSV)
2SJ567 TOSHIBA-2SJ567 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
2SJ567(TE16L1,NQ) TOSHIBA-2SJ567(TE16L1,NQ) Datasheet
182Kb / 6P
TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (-MOSV)
2SJ567 TOSHIBA-2SJ567_06 Datasheet
195Kb / 6P
Silicon P-Channel MOS Type Switching Applications
More results


Similar Description - 2SJ567

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC3900 SANYO-2SC3900 Datasheet
327Kb / 5P
Switching Applications
2SC4363 SANYO-2SC4363 Datasheet
88Kb / 2P
Switching Applications
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H_06 Datasheet
270Kb / 7P
Switching Regulator Applications Switching Regulator Applications
2SD1223 TOSHIBA-2SD1223_10 Datasheet
163Kb / 5P
Switching Applications
2SD2092 TOSHIBA-2SD2092_06 Datasheet
173Kb / 5P
Switching Applications
logo
Fairchild Semiconductor
BC548B FAIRCHILD-BC548B Datasheet
50Kb / 4P
Switching and Applications Switching and Applications
logo
STMicroelectronics
STH6N95K5-2 STMICROELECTRONICS-STH6N95K5-2 Datasheet
711Kb / 17P
Switching applications
12-Mar-2015
STW40N65M2 STMICROELECTRONICS-STW40N65M2 Datasheet
433Kb / 12P
Switching applications
09-Feb-2014
STW6N90K5 STMICROELECTRONICS-STW6N90K5 Datasheet
729Kb / 12P
Switching applications
November 2016 Rev 1
STB10N95K5 STMICROELECTRONICS-STB10N95K5 Datasheet
1Mb / 22P
Switching applications
29-Jan-2014
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com