Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM6162 Datasheet (PDF) - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
LM6162 Datasheet PDF - National Semiconductor (TI)
Part # LM6162
Download  LM6162 Download
File Size   219.13 Kbytes
Page   12 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description High Speed Operational Amplifier

LM6162 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM6162 Datasheet PDF - National Semiconductor (TI)

Part # LM6162
Download  LM6162 Click to download

File Size   219.13 Kbytes
Page   12 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description High Speed Operational Amplifier

LM6162 Datasheet (HTML) - National Semiconductor (TI)


LM6162 Product details

General Description
The LM6362 family of high-speed amplifiers exhibits an excellent speed-power product, delivering 300 V/ms and
100 MHz gain-bandwidth product (stable for gains as low as
a2 or b1) with only 5 mA of supply current. Further power
savings and application convenience are possible by taking
advantage of the wide dynamic range in operating supply
voltage which extends all the way down to a5V.
These amplifiers are built with National’s VIPTM (Vertically
Integrated PNP) process which provides fast transistors that
are true complements to the already fast NPN devices. This
advanced junction-isolated process delivers high speed performance without the need for complex and expensive dielectric isolation.

Features
- High slew rate 300 V/ms
- High gain-bandwidth product 100 MHz
- Low supply current 5 mA
- Fast settling time 120 ns to 0.1%
- Low differential gain k0.1%
- Low differential phase k0.1§ Y Wide supply range 4.75V to 32V
- Stable with unlimited capacitive load
- Well behaved; easy to apply

Applications
- Video amplifier
- Wide-bandwidth signal conditioning for image processing (FAX, scanners, laser printers)
- Hard disk drive preamplifier
- Error amplifier for high-speed switching regulato




Similar Part No. - LM6162

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM6161 NSC-LM6161 Datasheet
447Kb / 11P
High Speed Operational Amplifier
logo
Rochester Electronics
LM6161J ROCHESTER-LM6161J Datasheet
617Kb / 1P
ADDED LEVELS OF RELIABILITY for the LM6161 family of Op Amps
logo
National Semiconductor ...
LM6161J/883 NSC-LM6161J/883 Datasheet
447Kb / 11P
High Speed Operational Amplifier
logo
Rochester Electronics
LM6161J883 ROCHESTER-LM6161J883 Datasheet
617Kb / 1P
ADDED LEVELS OF RELIABILITY for the LM6161 family of Op Amps
LM6161JB ROCHESTER-LM6161JB Datasheet
617Kb / 1P
ADDED LEVELS OF RELIABILITY for the LM6161 family of Op Amps
More results


Similar Description - LM6162

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM6161 NSC-LM6161 Datasheet
447Kb / 11P
High Speed Operational Amplifier
LM6165 NSC-LM6165 Datasheet
460Kb / 12P
High Speed Operational Amplifier
LM715 NSC-LM715 Datasheet
208Kb / 8P
High Speed Operational Amplifier
logo
Linear Technology
LM318S8 LINER-LM318S8 Datasheet
100Kb / 2P
High Speed Operational Amplifier
LT118A LINER-LT118A Datasheet
499Kb / 8P
High Speed Operational Amplifier
logo
National Semiconductor ...
LH4161A NSC-LH4161A Datasheet
198Kb / 6P
High Speed Operational Amplifier
logo
Linear Technology
LM118J8 LINER-LM118J8 Datasheet
507Kb / 8P
High Speed Operational Amplifier
logo
Analog Devices
AD505 AD-AD505_15 Datasheet
1Mb / 6P
HIGH SPEED OPERATIONAL AMPLIFIER
logo
Linear Technology
LM318S8 LINER-LM318S8_15 Datasheet
112Kb / 2P
HIGH SPEED OPERATIONAL AMPLIFIER
logo
Anaren Microwave
MSK0024 ANAREN-MSK0024 Datasheet
221Kb / 5P
HIGH SPEED OPERATIONAL AMPLIFIER
More results




About National Semiconductor (TI)


National Semiconductor was an American semiconductor company that was founded in 1959.
The company was known for its innovations in the field of analog and mixed-signal integrated circuits and was a leading supplier of power management and data conversion products.
National Semiconductor's products were used in a variety of applications including consumer electronics, industrial, automotive, and telecommunications.
The company was acquired by Texas Instruments in 2011 and its products and technologies continue to be developed and sold under the Texas Instruments brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com