Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RG4J Datasheet (PDF) - Vishay Siliconix

RG4J Datasheet PDF - Vishay Siliconix
Part # RG4J
Download  RG4J Download
File Size   95.79 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Fast Sinterglass Diode

RG4J Datasheet (PDF)

Go To PDF Page Download Datasheet
RG4J Datasheet PDF - Vishay Siliconix

Part # RG4J
Download  RG4J Click to download

File Size   95.79 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Fast Sinterglass Diode

RG4J Datasheet (HTML) - Vishay Siliconix


RG4J Product details

• High temperature metallurgically bonded construction
• Cavity-free glass passivated junction
• Fast switching for high efficiency
• 3.0 ampere operation at Tamb = 50 °C with no thermal runaway
• Hermetically sealed package




Similar Part No. - RG4J

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
RG4J GE-RG4J Datasheet
52Kb / 2P
GLASS PASSIVATED FAST SWITCHING RECTIFIER
logo
Gulf Semiconductor
RG4J GULFSEMI-RG4J Datasheet
85Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 3.0A
More results


Similar Description - RG4J

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYM36 VISHAY-BYM36 Datasheet
149Kb / 5P
Fast Avalanche Sinterglass Diode
12-Aug-04
RG1A VISHAY-RG1A Datasheet
334Kb / 5P
Fast Sinterglass Diode
28-Jan-03
BYM36A VISHAY-BYM36A Datasheet
107Kb / 5P
Fast Avalanche Sinterglass Diode
25-Aug-10
BYV37 VISHAY-BYV37_10 Datasheet
378Kb / 4P
Fast Avalanche Sinterglass Diode
31-Mar-10
BYW72 VISHAY-BYW72_10 Datasheet
106Kb / 4P
Fast Avalanche Sinterglass Diode
25-Aug-10
BY203-20STAP VISHAY-BY203-20STAP Datasheet
123Kb / 4P
Fast Avalanche Sinterglass Diode
12-Sep-12
BYV38-TAP VISHAY-BYV38-TAP Datasheet
123Kb / 4P
Fast Avalanche Sinterglass Diode
04-Sep-12
BYV16-TAP VISHAY-BYV16-TAP Datasheet
130Kb / 5P
Fast Avalanche Sinterglass Diode
04-Sep-12
BY203-20S-TR VISHAY-BY203-20S-TR Datasheet
128Kb / 4P
Fast Avalanche Sinterglass Diode
12-Sep-12
BY268 VISHAY-BY268_V01 Datasheet
136Kb / 4P
Fast Avalanche Sinterglass Diode
20-Feb-18
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com