Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

735D Datasheet (PDF) - Vishay Siliconix

735D Datasheet PDF - Vishay Siliconix
Part # 735D
Download  735D Download
File Size   136.95 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved

735D Datasheet (PDF)

Go To PDF Page Download Datasheet
735D Datasheet PDF - Vishay Siliconix

Part # 735D
Download  735D Click to download

File Size   136.95 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved

735D Datasheet (HTML) - Vishay Siliconix


735D Product details

FEATURES

• Terminations: standard tin/lead (SnPb), 100 % tin (RoHS compliant) available

• For - 55 °C to + 200 °C operation

• All tantalum case

• Glass to tantalum hermetic seal

• Low ESR

• High CV per unit volume

• Extremely low leakage current

• High permissible ripple current

• 3 V reverse voltage capability



APPLICATIONS

  Designed specifically for the severe operating environment of aerospace applications, this capacitor was developed under partial sponsorship of the Marshall Space Flight Center, National Aeronautics and Space Administration. To meet aerospace requirements, the capacitors have a high resistance to damage from shock and vibration.



 




Similar Part No. - 735D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
735D VISHAY-735D Datasheet
112Kb / 10P
Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
29-Jun-07
735D106X0025A2 VISHAY-735D106X0025A2 Datasheet
112Kb / 10P
Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
29-Jun-07
735D106X0050A2 VISHAY-735D106X0050A2 Datasheet
112Kb / 10P
Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
29-Jun-07
735D106X0063A2 VISHAY-735D106X0063A2 Datasheet
112Kb / 10P
Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
29-Jun-07
735D107X0010A2 VISHAY-735D107X0010A2 Datasheet
112Kb / 10P
Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
29-Jun-07
More results


Similar Description - 735D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
769D VISHAY-769D Datasheet
70Kb / 5P
Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode, TANTALEX Capacitors CECC 30202-013 Approved
17-Oct-03
135D306X0006C2E3 VISHAY-135D306X0006C2E3 Datasheet
108Kb / 6P
Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal For - 55 °C to 200 °C Operation
26-Sep-06
735D VISHAY-735D_08 Datasheet
112Kb / 10P
Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
29-Jun-07
769D VISHAY-769D_08 Datasheet
89Kb / 6P
Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode,TANTALEX짰 Capacitors, CECC 30202-013 Approved
03-Jul-07
ST250-75L2KI VISHAY-ST250-75L2KI Datasheet
98Kb / 6P
SuperTan Wet Tantalum Capacitors with Hermetic Seal
13-Oct-14
T18D108M075EZSS VISHAY-T18D108M075EZSS Datasheet
78Kb / 4P
Wet Tantalum Capacitors, Ultra High Capacitance, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
11-Jan-16
T22 VISHAY-T22 Datasheet
158Kb / 10P
Wet Tantalum SMD Capacitors, Tantalum Metal Case With Glass-to-Tantalum Hermetic Seal
13-May-2020
DLA10011 VISHAY-DLA10011 Datasheet
89Kb / 5P
Wet Tantalum Capacitors, Tantalum-Case with Glass-to-Tantalum Hermetic Seal for -55 °C to 125 °C Operation
10-Aug-2020
STA VISHAY-STA Datasheet
67Kb / 3P
Wet Tantalum Capacitors with Hermetic Seal
13-Oct-2020
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com