Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS29LV400 Datasheet (PDF) - Alliance Semiconductor Corporation

AS29LV400 Datasheet PDF - Alliance Semiconductor Corporation
Part # AS29LV400
Download  AS29LV400 Download
File Size   227.03 Kbytes
Page   25 Pages
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation
Description 3V 512K x 8/256K 횞 16 CMOS Flash EEPROM

AS29LV400 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS29LV400 Datasheet PDF - Alliance Semiconductor Corporation

Part # AS29LV400
Download  AS29LV400 Click to download

File Size   227.03 Kbytes
Page   25 Pages
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation
Description 3V 512K x 8/256K 횞 16 CMOS Flash EEPROM

AS29LV400 Datasheet (HTML) - Alliance Semiconductor Corporation


AS29LV400 Product details

Functional description
The AS29LV400 is an 4 megabit, 3.0 volt Flash memory organized as 512Kbyte of 8 bits/256Kbytes of 16 bits each. For flexible Erase and Program capability, the 4 megabits of data is divided into eleven sectors: one 16K, two 8K, one 32K, and seven 64k byte sectors; or one 8K, two 4K, one 16K, and seven 32K word sectors. The ×8 data appears on DQ0–DQ7; the ×16 data appears on DQ0–DQ15. The AS29LV400 is offered in JEDEC standard 48-pin TSOP. A 44-pin SOP package may be offered in the future. This device is designed to be programmed and erased with a single 3.0V VCC supply. The device can also be reprogrammed in standard EPROM programmers.

Features
• Organization: 512Kx8/256Kx16
• Sector architecture
    - One 16K; two 8K; one 32K; and seven 64K byte sectors
    - One 8K; two 4K; one 16K; and seven 32K word sectors
    - Boot code sector architecture—T (top) or B (bottom)
    - Erase any combination of sectors or full chip
• Single 2.7-3.6V power supply for read/write operations
• Sector protection
• High speed 70/80/90/120 ns address access time
• Automated on-chip programming algorithm
    - Automatically programs/verifies data at specified address
• Automated on-chip erase algorithm
    - Automatically preprograms/erases chip or specified sectors
• Hardware RESET pin
    - Resets internal state machine to read mode
• Low power consumption
    - 200 nA typical automatic sleep mode current
    - 200 nA typical standby current
    - 10 mA typical read current
• JEDEC standard software, packages and pinouts
    - 48-pin TSOP
    - 44-pin SO; availabillity TBD
• Detection of program/erase cycle completion
    - DQ7 DATA polling
    - DQ6 toggle bit
    - DQ2 toggle bit
    - RY/BY output
• Erase suspend/resume
    - Supports reading data from or programming data to a sector not being erased
• Low VCC write lock-out below 1.5V
• 10 year data retention at 150C
• 100,000 write/erase cycle endurance




Similar Part No. - AS29LV400

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS29LV016 AUSTIN-AS29LV016 Datasheet
414Kb / 40P
16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
AS29LV016BRG-100/ET AUSTIN-AS29LV016BRG-100/ET Datasheet
414Kb / 40P
16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
AS29LV016BRG-100/XT AUSTIN-AS29LV016BRG-100/XT Datasheet
414Kb / 40P
16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
AS29LV016BRG-70/ET AUSTIN-AS29LV016BRG-70/ET Datasheet
414Kb / 40P
16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
AS29LV016BRG-90/ET AUSTIN-AS29LV016BRG-90/ET Datasheet
414Kb / 40P
16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
More results


Similar Description - AS29LV400

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F400SU-LC SHARP-LH28F400SU-LC Datasheet
299Kb / 37P
4M (512K 횞 8, 256K 횞 16) Flash Memory
LH28F400SU-NC SHARP-LH28F400SU-NC Datasheet
294Kb / 35P
4M (512K 횞 8, 256K 횞 16) Flash Memory
LH28F400SUB SHARP-LH28F400SUB Datasheet
277Kb / 34P
4M (512K 횞 8, 256K 횞 16) Flash Memory
logo
ATMEL Corporation
AT49F004 ATMEL-AT49F004 Datasheet
243Kb / 15P
4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
logo
Macronix International
MX29LV400T MCNIX-MX29LV400T Datasheet
1Mb / 59P
4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV401T MCNIX-MX29LV401T Datasheet
986Kb / 56P
4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV400CT MCNIX-MX29LV400CT Datasheet
888Kb / 68P
4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
logo
SPANSION
MBM29F400TC SPANSION-MBM29F400TC Datasheet
566Kb / 48P
FLASH MEMORY CMOS 4M (512K x 8/256K x 16) BIT
MBM29LV400TC-55 SPANSION-MBM29LV400TC-55 Datasheet
654Kb / 58P
FLASH MEMORY CMOS 4M (512K X 8/256K X 16) BIT
logo
Elite Semiconductor Mem...
F49L400UA ESMT-F49L400UA Datasheet
387Kb / 47P
4 Mbit (512K x 8/256K x 16) 3V Only CMOS Flash Memory
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com