Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7927 Datasheet (PDF) - Analog Devices

AD7927 Datasheet PDF - Analog Devices
Part # AD7927
Download  AD7927 Download
File Size   276.32 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 8-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 20-Lead TSSOP

AD7927 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7927 Datasheet PDF - Analog Devices

Part # AD7927
Download  AD7927 Click to download

File Size   276.32 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 8-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 20-Lead TSSOP

AD7927 Datasheet (HTML) - Analog Devices


AD7927 Product details

GENERAL DESCRIPTION
The AD7927 is a 12-bit, high speed, low power, 8-channel, successive approximation ADC. The part operates from a single 2.7 V to 5.25 V power supply and features throughput rates up to 200 kSPS. The part contains a low noise, wide bandwidth track-and-hold amplifier that can handle input frequencies in excess of 8 MHz.

FEATURES
   Fast throughput rate: 200 kSPS
   Specified for AVDD of 2.7 V to 5.25 V
   Low power
      3.6 mW maximum at 200 kSPS with 3 V supply
      7.5 mW maximum at 200 kSPS with 5 V supply
   8 (single-ended) inputs with sequencer
   Wide input bandwidth
      70 dB minimum SINAD at 50 kHz input frequency
   Flexible power/serial clock speed management
   No pipeline delays
   High speed serial interface SPI-, QSPI™-, MICROWIRE™-,
      DSP-compatible
   Shutdown mode: 0.5 μA maximum
   20-lead TSSOP
   Qualified for automotive applications




Similar Part No. - AD7927

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7927 AD-AD7927 Datasheet
485Kb / 29P
8-Channel, 200 kSPS, 12-Bit ADC Sequencer in 20-Lead TSSOP
D
AD7927BRU AD-AD7927BRU Datasheet
485Kb / 29P
8-Channel, 200 kSPS, 12-Bit ADC Sequencer in 20-Lead TSSOP
D
AD7927BRU-REEL AD-AD7927BRU-REEL Datasheet
485Kb / 29P
8-Channel, 200 kSPS, 12-Bit ADC Sequencer in 20-Lead TSSOP
D
AD7927BRUZ AD-AD7927BRUZ Datasheet
485Kb / 28P
8-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 20-Lead TSSOP
REV. C
AD7927BRUZ AD-AD7927BRUZ Datasheet
485Kb / 29P
8-Channel, 200 kSPS, 12-Bit ADC Sequencer in 20-Lead TSSOP
D
More results


Similar Description - AD7927

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7908 AD-AD7908 Datasheet
607Kb / 24P
8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
9/03-Data Sheet changed from REV. 0 to REV. A.
AD7923 AD-AD7923 Datasheet
430Kb / 20P
4-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 16-Lead TSSOP
REV.0
AD7923 AD-AD7923_11 Datasheet
380Kb / 24P
4-Channel, 200 kSPS 12-Bit ADC with Sequencer in 16-Lead TSSOP
REV. C
AD7927BRUZ AD-AD7927BRUZ Datasheet
485Kb / 28P
8-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 20-Lead TSSOP
REV. C
AD7923 AD-AD7923_15 Datasheet
381Kb / 24P
4-Channel, 200 kSPS 12-Bit ADC with Sequencer in 16-Lead TSSOP
REV. D
AD7927 AD-AD7927_15 Datasheet
407Kb / 28P
8-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 20-Lead TSSOP
REV. D
AD7918 AD-AD7918_15 Datasheet
557Kb / 28P
8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
Rev. E
AD7923 AD-AD7923_17 Datasheet
423Kb / 25P
4-Channel, 200 kSPS 12-Bit ADC Sequencer in 16-Lead TSSOP
D
AD7927 AD-AD7927_17 Datasheet
485Kb / 29P
8-Channel, 200 kSPS, 12-Bit ADC Sequencer in 20-Lead TSSOP
D
AD7888 AD-AD7888_17 Datasheet
245Kb / 18P
Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com