Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-21992 Datasheet (PDF) - Analog Devices

ADSP-21992 Datasheet PDF - Analog Devices
Part # ADSP-21992
Download  ADSP-21992 Download
File Size   519.52 Kbytes
Page   48 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Mixed Signal DSP Controller With CAN

ADSP-21992 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADSP-21992 Datasheet PDF - Analog Devices

Part # ADSP-21992
Download  ADSP-21992 Click to download

File Size   519.52 Kbytes
Page   48 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Mixed Signal DSP Controller With CAN

ADSP-21992 Datasheet (HTML) - Analog Devices


ADSP-21992 Product details

GENERAL DESCRIPTION
The ADSP-21992 is a mixed-signal DSP controller based on the ADSP-2199x DSP core, suitable for a variety of high performance industrial motor control and signal processing applications that require the combination of a high performance DSP and the mixed-signal integration of embedded control peripherals, such as analog-to-digital conversion with communications interfaces such as CAN. Target applications include industrial motor drives, uninterruptible power supplies, optical networking control, data acquisition systems, test and measurement Systems, and portable instrumentation.

FEATURES
   ADSP-2199x, 16-bit, fixed-point DSP core with up to 160
      MIPS sustained performance
   48K words of on-chip RAM, as 32K words on-chip 24-bit
      program RAM, and 16K words on-chip, 16-bit data RAM
   External memory interface
   Dedicated memory DMA controller for data/instruction
      transfer between internal/external memory
   Programmable PLL and flexible clock generation circuitry
      enables full-speed operation from low speed
      input clocks
   IEEE JTAG Standard 1149.1 test access port supports on-chip
      emulation and system debugging
   8-channel, 14-bit analog-to-digital converter system, with up
      to 20 MSPS sampling rate (at 160 MHz core clock rate)
   3-phase 16-bit center based PWM generation unit with 12.5
      ns resolution at 160 MHz core clock (CCLK) rate
   Dedicated 32-bit encoder interface unit with companion
      encoder event timer
   Dual 16-bit auxiliary PWM outputs
   16 general-purpose flag I/O pins
   3 programmable 32-bit interval timers
   SPI communications port with master or slave operation
   Synchronous serial communications port (SPORT) capable of
      software UART emulation
   Controller area network (CAN) module, fully compliant with
      V2.0B standard
   Integrated watchdog timer
   Dedicated peripheral interrupt controller with software
      priority control
   Multiple boot modes
   Precision 1.0 V voltage reference
   Integrated power-on-reset (POR) generator
   Flexible power management with selectable power-down
      and idle modes
   2.5 V internal operation with 3.3 V I/O
   Operating temperature ranges of –40C to +85C and –40°C
      to +125°C




Similar Part No. - ADSP-21992

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21992 AD-ADSP-21992 Datasheet
1Mb / 60P
Mixed-Signal DSP Controller with CAN
8/07-Rev. 0 to Rev. A
ADSP-21992 AD-ADSP-21992 Datasheet
2Mb / 60P
Mixed-Signal DSP Controller with CAN
REV. A
ADSP-21992BBC AD-ADSP-21992BBC Datasheet
1Mb / 60P
Mixed-Signal DSP Controller with CAN
8/07-Rev. 0 to Rev. A
ADSP-21992BST AD-ADSP-21992BST Datasheet
1Mb / 60P
Mixed-Signal DSP Controller with CAN
8/07-Rev. 0 to Rev. A
ADSP-21992BSTZ AD-ADSP-21992BSTZ Datasheet
1Mb / 60P
Mixed-Signal DSP Controller with CAN
8/07-Rev. 0 to Rev. A
More results


Similar Description - ADSP-21992

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21991 AD-ADSP-21991 Datasheet
589Kb / 44P
Mixed Signal DSP Co
REV.0
ADSP-21992 AD-ADSP-21992_07 Datasheet
1Mb / 60P
Mixed-Signal DSP Controller with CAN
8/07-Rev. 0 to Rev. A
logo
Cypress Semiconductor
CY8C25122 CYPRESS-CY8C25122_05 Datasheet
1Mb / 151P
Mixed-Signal Array with On-board Controller
logo
Analog Devices
ADSP-21990 AD-ADSP-21990 Datasheet
2Mb / 50P
Mixed-Signal DSP Controller
REV. A
ADSP-21990 AD-ADSP-21990_15 Datasheet
2Mb / 50P
Mixed-Signal DSP Controller
REV. A
ADSP-21991 AD-ADSP-21991_15 Datasheet
594Kb / 44P
Mixed Signal DSP Controller
REV. 0
ADSP-21992 AD-ADSP-21992_15 Datasheet
2Mb / 60P
Mixed-Signal DSP Controller with CAN
REV. A
logo
Texas Instruments
MSPM0G3107 TI-MSPM0G3107 Datasheet
1Mb / 11P
MSPM0G310x Mixed-Signal Microcontrollers with CAN-FD Interface
FEBRUARY 2023
MSPM0G3507 TI-MSPM0G3507 Datasheet
1Mb / 11P
MSPM0G350x Mixed-Signal Microcontrollers With CAN-FD Interface
FEBRUARY 2023
MSPM0G3507 TI-MSPM0G3507_V02 Datasheet
2Mb / 96P
MSPM0G350x Mixed-Signal Microcontrollers With CAN-FD Interface
REVISED JUNE 2023
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com