Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7185 Datasheet (PDF) - Analog Devices

ADV7185 Datasheet PDF - Analog Devices
Part # ADV7185
Download  ADV7185 Download
File Size   501.43 Kbytes
Page   40 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Professional NTSC/PAL Video Decoder with 10-Bit CCIR656 Output

ADV7185 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADV7185 Datasheet PDF - Analog Devices

Part # ADV7185
Download  ADV7185 Click to download

File Size   501.43 Kbytes
Page   40 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Professional NTSC/PAL Video Decoder with 10-Bit CCIR656 Output

ADV7185 Datasheet (HTML) - Analog Devices


ADV7185 Product details

GENERAL DESCRIPTION
The ADV7185 is an integrated video decoder that automatically detects and converts a standard analog baseband television signal compatible with worldwide standards NTSC or PAL into 4:2:2 or 4:1:1 component video data compatible with 16-/8-bit CCIR601/CCIR656 or 10-/20-bit extended standards.

FEATURES
   Analog Video to Digital YCrCb Video Decoder:
      NTSC-(M/N), PAL-(B/D/G/H/I/M/N)
   ADV®7185 Integrates Two 12-Bit ADCs
   Clocked from a Single 27 MHz Crystal
   Dual Video Clocking Schemes:
      Line-Locked Clock Compatible (LLC)
   Adaptive Digital Line Length Tracking (ADLLT™)
   3-Line Chroma Comb Filter
   Real-Time Clock and Status Information Output
   Integrated AGC (Automatic Gain Control) and Clamping
   Multiple Programmable Analog Input Formats:
      CVBS (Composite Video)
      SVHS (Y/C)
      YCrCb Component (VESA, MII, SMPTE, and BetaCam)
   6 Analog Input Video Channels
   Real-Time Horizontal and Vertical Scaling
   Automatic NTSC/PAL Identification
   Differential Mode Video Input
   Digital Output Formats (20-Bit Wide Bus):
      YCrCb (4:2:2 or 4:1:1)
      CCIR601/CCIR656 8-Bit or Extended 10-Bit
   0.5 V to 2.0 V p-p Input Range
   Differential Gain, 0.4% Typ
   Differential Phase, 0.6o Typ
   Programmable Video Controls:
      Peak White/Hue/Brightness/Saturation/Contrast
      CCIR/Square/4 FSC Pixel Operation
   Simplified Digital Interface
   On-Board Digital FIFO
   Optimized Programmable Video Source Modes:
      Broadcast TV
      VCR/Camcorder
      Security/Surveillance
   Integrated On-Chip Video Timing Generator
   Synchronous or Asynchronous Output Timing
   Line-Locked Clock Output
   Closed Captioning Passthrough Operation
   Vertical Blanking Interval Support
   Power-Down Mode
   2-Wire Serial MPU Interface (I2C-Compatible)
   5 V Analog 3.3 V Digital Supply Operation
   80-Lead LQFP Package

APPLICATIONS
   Projectors
   Digital TVs
   DVD-RAM Recorders and Players
   PDP Displays
   Video Decoders
   Hybrid Analog/Digital Set-Top Boxes
   Professional Equipment




Similar Part No. - ADV7185

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7180 AD-ADV7180 Datasheet
2Mb / 112P
10-Bit, 4 x Oversampling SDTV Video Decoder
11/06-Rev. 0 to Rev. A
ADV7180BCP32Z AD-ADV7180BCP32Z Datasheet
2Mb / 120P
10-Bit, 4횞 Oversampling SDTV Video Decoder
Rev. G
ADV7180BCP32Z-RL AD-ADV7180BCP32Z-RL Datasheet
2Mb / 120P
10-Bit, 4횞 Oversampling SDTV Video Decoder
Rev. G
ADV7180BCPZ AD-ADV7180BCPZ Datasheet
2Mb / 112P
10-Bit, 4 x Oversampling SDTV Video Decoder
11/06-Rev. 0 to Rev. A
ADV7180BCPZ AD-ADV7180BCPZ Datasheet
2Mb / 120P
10-Bit, 4횞 Oversampling SDTV Video Decoder
Rev. G
More results


Similar Description - ADV7185

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TVP5020 TI-TVP5020 Datasheet
387Kb / 87P
NTSC/PAL VIDEO DECODER
TVP5031 TI-TVP5031 Datasheet
378Kb / 85P
NTSC/PAL VIDEO DECODER
logo
Intersil Corporation
HMP8115 INTERSIL-HMP8115 Datasheet
183Kb / 43P
NTSC/PAL Video Decoder
April 1998
HMP8116 INTERSIL-HMP8116 Datasheet
182Kb / 43P
NTSC/PAL Video Decoder
April 1998
HMP8117 INTERSIL-HMP8117 Datasheet
269Kb / 45P
NTSC/PAL Video Decoder
January 1999
logo
Harris Corporation
HMP8112 HARRIS-HMP8112 Datasheet
563Kb / 40P
NTSC/PAL Video Decoder
logo
Intersil Corporation
HMP8117 INTERSIL-HMP8117_07 Datasheet
563Kb / 45P
NTSC/PAL Video Decoder
April 19, 2007
logo
Asahi Kasei Microsystem...
AK8856VN AKM-AK8856VN Datasheet
2Mb / 98P
NTSC/PAL Video Decoder
logo
Texas Instruments
TVP5010 TI1-TVP5010 Datasheet
264Kb / 59P
NTSC/PAL Video Decoder
TVP5020CPFP TI-TVP5020CPFP Datasheet
359Kb / 87P
NTSC PAL VIDEO DECODER
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com