Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT93C86A Datasheet (PDF) - ATMEL Corporation

AT93C86A Datasheet PDF - ATMEL Corporation
Part # AT93C86A
Download  AT93C86A Download
File Size   124.3 Kbytes
Page   16 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 3-wire Serial EEPROM

AT93C86A Datasheet (PDF)

Go To PDF Page Download Datasheet
AT93C86A Datasheet PDF - ATMEL Corporation

Part # AT93C86A
Download  AT93C86A Click to download

File Size   124.3 Kbytes
Page   16 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 3-wire Serial EEPROM

AT93C86A Datasheet (HTML) - ATMEL Corporation


AT93C86A Product details

Description
The AT93C86A provides 16384 bits of serial electrically erasable programmable read only memory (EEPROM), organized as 1024 words of 16 bits each when the ORG pin is connected to VCC and 2048 words of eight bits each when it is tied to ground. The device is optimized for use in many industrial and commercial applications where low power and low-voltage operations are essential. The AT93C86A is available in space saving 8-lead PDIP, 8-lead JEDEC SOIC, 8-lead Ultra Thin Mini-MAP (MLP 2x3), and 8-lead TSSOP packages.

Features
• Low-voltage and Standard-voltage Operation
    – 2.7 (VCC = 2.7V to 5.5V)
    – 1.8 (VCC = 1.8V to 5.5V)
• User Selectable Internal Organization
    – 16K: 2048 x 8 or 1024 x 16
• Three-wire Serial Interface
• Sequential Read Operation
• Schmitt Trigger, Filtered Inputs for Noise Suppression
• 2 MHz Clock Rate (5V) Compatibility
• Self-timed Write Cycle (10 ms max)
• High Reliability
    – Endurance: 1 Million Write Cycles
    – Data Retention: 100 Years
• Automotive Devices Available
• 8-lead JEDEC PDIP, 8-lead JEDEC SOIC, 8-lead Ultra Thin Mini-MAP (MLP 2x3), and 8-lead TSSOP Packages
• Die Sales: Wafer Form, Waffle Pack and Bumped Wafers




Similar Part No. - AT93C86A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT93C86A ATMEL-AT93C86A Datasheet
721Kb / 18P
Three-wire Serial EEPROM
AT93C86A ATMEL-AT93C86A Datasheet
335Kb / 15P
Three-wire Automotive Temperature Serial EEPROM
AT93C86A ATMEL-AT93C86A Datasheet
451Kb / 14P
Three-wire Automotive Temperature Serial EEPROM 16K (2048 x 8 or 1024 x 16)
AT93C86A-10PU-1.8 ATMEL-AT93C86A-10PU-1.8 Datasheet
721Kb / 18P
Three-wire Serial EEPROM
AT93C86A-10PU-2.7 ATMEL-AT93C86A-10PU-2.7 Datasheet
721Kb / 18P
Three-wire Serial EEPROM
More results


Similar Description - AT93C86A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT93C46C ATMEL-AT93C46C Datasheet
155Kb / 11P
3-Wire Serial EEPROM
logo
Holtek Semiconductor In...
HT93LC46 HOLTEK-HT93LC46 Datasheet
360Kb / 10P
1K 3-Wire CMOS Serial EEPROM
6th May 99
HT93LC66 HOLTEK-HT93LC66 Datasheet
373Kb / 10P
4K 3-Wire CMOS Serial EEPROM
6th May 99
HT93LC66 HOLTEK-HT93LC66_07 Datasheet
135Kb / 12P
CMOS 4K 3-Wire Serial EEPROM
October 25, 2007
HT93LC66 HOLTEK-HT93LC66_09 Datasheet
103Kb / 12P
CMOS 4K 3-Wire Serial EEPROM
July 10, 2009
HT93LC46 HOLTEK-HT93LC46_10 Datasheet
131Kb / 12P
CMOS 1K 3-Wire Serial EEPROM
logo
ATMEL Corporation
AT93C46D ATMEL-AT93C46D_14 Datasheet
805Kb / 17P
3-wire Serial EEPROM
AT93C46E ATMEL-AT93C46E_14 Datasheet
748Kb / 18P
3-wire Serial EEPROM
AT93C56B ATMEL-AT93C56B_14 Datasheet
854Kb / 21P
3-wire Serial EEPROM
AT93C66B ATMEL-AT93C66B_14 Datasheet
854Kb / 21P
3-wire Serial EEPROM
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com