Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CO4558L Datasheet (PDF) - Ceramate Technical

CO4558L Datasheet PDF - Ceramate Technical
Part # CO4558L
Download  CO4558L Download
File Size   740.13 Kbytes
Page   10 Pages
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical
Description Dual Operational Lowpower Amplifier for Audio

CO4558L Datasheet (PDF)

Go To PDF Page Download Datasheet
CO4558L Datasheet PDF - Ceramate Technical

Part # CO4558L
Download  CO4558L Click to download

File Size   740.13 Kbytes
Page   10 Pages
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical
Description Dual Operational Lowpower Amplifier for Audio

CO4558L Datasheet (HTML) - Ceramate Technical


CO4558L Product details

Description
The CO4558L consists of two independent, high gain, internally compensated amplifiers which were designed specifically to operate from a single or split power supply.

Features
• Operating Voltage : ±1.5~±8V or 3~16V
• Large DC Voltage Gain: 100 dB
• High input Resistance :1MW
• Low Voltage Operation : 1.5V
• Bipolar Technology
• Low Power Consumption




Similar Part No. - CO4558L

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CO4558 CERAMATE-CO4558 Datasheet
360Kb / 5P
Dual Operational Amplifier
CO4558A CERAMATE-CO4558A Datasheet
360Kb / 5P
Dual Operational Amplifier
CO4558N CERAMATE-CO4558N Datasheet
360Kb / 5P
Dual Operational Amplifier
More results


Similar Description - CO4558L

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM833 NSC-LM833 Datasheet
520Kb / 18P
Dual Audio Operational Amplifier
logo
Texas Instruments
RC4560 TI-RC4560 Datasheet
84Kb / 5P
DUAL AUDIO OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
AT4558 ETC1-AT4558 Datasheet
355Kb / 10P
Dual Operational Amplifier for Audio
logo
Texas Instruments
RC4580 TI-RC4580_06 Datasheet
235Kb / 12P
DUAL AUDIO OPERATIONAL AMPLIFIER
RC4580 TI-RC4580_07 Datasheet
295Kb / 15P
DUAL AUDIO OPERATIONAL AMPLIFIER
RC4560 TI-RC4560_08 Datasheet
364Kb / 11P
DUAL AUDIO OPERATIONAL AMPLIFIER
LM833-N TI1-LM833-N Datasheet
830Kb / 23P
Dual Audio Operational Amplifier
RC4580 TI1-RC4580 Datasheet
1Mb / 25P
Dual Audio Operational Amplifier
logo
New Japan Radio
NJM4582 NJRC-NJM4582 Datasheet
157Kb / 5P
AUDIO DUAL OPERATIONAL AMPLIFIER
NJM8080 NJRC-NJM8080 Datasheet
609Kb / 17P
DUAL AUDIO OPERATIONAL AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com