Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LCX00MTR Datasheet (PDF) - STMicroelectronics

74LCX00MTR Datasheet PDF - STMicroelectronics
Part # 74LCX00MTR
Download  74LCX00MTR Download
File Size   114.54 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5V TOLERANT INPUTS

74LCX00MTR Datasheet (PDF)

Go To PDF Page Download Datasheet
74LCX00MTR Datasheet PDF - STMicroelectronics

Part # 74LCX00MTR
Download  74LCX00MTR Click to download

File Size   114.54 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5V TOLERANT INPUTS

74LCX00MTR Datasheet (HTML) - STMicroelectronics


74LCX00MTR Product details

DESCRIPTION
The 74LCX00 is a low voltage CMOS QUAD 2-INPUT NAND GATE fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology. It is ideal for low power and high speed 3.3V applications; it can be interfaced to 5V signal environment for inputs.
   
■ 5V TOLERANT INPUTS
■ HIGH SPEED :
    tPD = 4.3ns (MAX.) at VCC = 3V
■ POWER DOWN PROTECTION ON INPUTS
    AND OUTPUTS
■ SYMMETRICAL OUTPUT IMPEDANCE:
    |IOH| = IOL = 24mA (MIN) at VCC = 3V
■ PCI BUS LEVELS GUARANTEED AT 24 mA
■ BALANCED PROPAGATION DELAYS: tPLH ≅ tPHL
■ OPERATING VOLTAGE RANGE:
    VCC(OPR) = 2.0V to 3.6V (1.5V Data
    Retention)
■ PIN AND FUNCTION COMPATIBLE WITH
    74 SERIES 00
■ LATCH-UP PERFORMANCE EXCEEDS
    500mA (JESD 17)
■ ESD PERFORMANCE:
    HBM > 2000V (MIL STD 883 method 3015);
    MM > 200V
   




Similar Part No. - 74LCX00MTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LCX00MTR STMICROELECTRONICS-74LCX00MTR Datasheet
283Kb / 16P
Low-voltage CMOS quad dual input NAND gate with 5 V tolerant inputs
02-Oct-2012
More results


Similar Description - 74LCX00MTR

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX04 FAIRCHILD-74LCX04 Datasheet
519Kb / 11P
Low Voltage Hex Inverter with 5V Tolerant Inputs
logo
STMicroelectronics
74LVX04 STMICROELECTRONICS-74LVX04 Datasheet
161Kb / 8P
LOW VOLTAGE CMOS HEX INVERTER WITH 5V TOLERANT INPUTS
Jul-2001
74LCX04MTR STMICROELECTRONICS-74LCX04MTR Datasheet
164Kb / 8P
LOW VOLTAGE CMOS HEX INVERTER WITH 5V TOLERANT INPUTS
Sep-2001
74LCX04 STMICROELECTRONICS-74LCX04 Datasheet
239Kb / 15P
Low voltage CMOS HEX inverter with 5V tolerant inputs
06-Jul-2006
74LVX04 STMICROELECTRONICS-74LVX04_04 Datasheet
225Kb / 11P
LOW VOLTAGE CMOS HEX INVERTER WITH 5V TOLERANT INPUTS
27-Aug-2004
logo
Fairchild Semiconductor
74LCX04 FAIRCHILD-74LCX04_08 Datasheet
770Kb / 13P
Low Voltage Hex Inverter with 5V Tolerant Inputs
74LCX245 FAIRCHILD-74LCX245_08 Datasheet
876Kb / 14P
Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
74LCXR2245 FAIRCHILD-74LCXR2245_08 Datasheet
467Kb / 12P
74LCXR2245 Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs
logo
ON Semiconductor
74LCX04 ONSEMI-74LCX04 Datasheet
750Kb / 14P
Low Voltage Hex Inverter with 5V Tolerant Inputs
December 2013 Rev. 1.6.1
74LCX14 ONSEMI-74LCX14 Datasheet
756Kb / 14P
Low Voltage Hex Inverter with 5V Tolerant Schmitt Trigger Inputs
December 2013 Rev. 1.7.1
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com