Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACX306BKM Datasheet (PDF) - Sony Corporation

ACX306BKM Datasheet PDF - Sony Corporation
Part # ACX306BKM
Download  ACX306BKM Download
File Size   218.44 Kbytes
Page   27 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Center luminance

ACX306BKM Datasheet (PDF)

Go To PDF Page Download Datasheet
ACX306BKM Datasheet PDF - Sony Corporation

Part # ACX306BKM
Download  ACX306BKM Click to download

File Size   218.44 Kbytes
Page   27 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Center luminance

ACX306BKM Datasheet (HTML) - Sony Corporation


ACX306BKM Product details

Description
The ACX306BKM is an LCD panel module with LED backlight developed exclusively for the ACX306BKM 3.86cm diagonal active matrix TFT-LCD panel addressed by low temperature polycrystalline silicon transistors with built-in peripheral driving circuitry.

Features
• Total module thickness: 3.9mm (typ.) ultra-thin, narrow frame type
• Center luminance Standard mode: 260cd/m2 (backlight 210mW typ.)
                                High luminance mode: 330cd/m2 (backlight 290mW typ.)
• White LED backlight eliminates the need for an inverter, achieves instant luminance rise, and maintains high luminance even at cold temperatures
• Backlight life (luminance half-life) guaranteed at 5000h for normal temperature operation and 1000h for high temperature operation
• Number of active dots: 118,000, 3.86cm (1.5-type) in diagonal
• Horizontal resolution: 240 TV lines
• Optical transmittance: 9.0% (typ.)
• High contrast ratio with normally white mode: 200 (typ.)
• Built-in H and V driving circuitry (built-in input level conversion circuit, 3V drive possible)
• Low voltage, low power consumption: 12V drive, 43mW (panel block, typ.)
• Smooth pictures with a RGB delta arrangement
• Supports NTSC/PAL
• Built-in picture quality improvement circuit
• Up/down and/or right/left inverse display function
• LR (low reflectance) surface treatment provides an easy-to-see display even outdoors
• Dirt-resistant surface treatment
• Narrow frame

Applications
    Compact digital still cameras, compact video cameras, etc.




Similar Part No. - ACX306BKM

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ACX306 SONY-ACX306 Datasheet
381Kb / 23P
3.86cm (1.5 Type) NTSC/PAL Color LCD Panel
ACX306AK SONY-ACX306AK Datasheet
381Kb / 23P
3.86cm (1.5 Type) NTSC/PAL Color LCD Panel
More results


Similar Description - ACX306BKM

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1177 NTE-NTE1177 Datasheet
25Kb / 2P
Integrated Circuit TV Luminance Processor
NTE818 NTE-NTE818 Datasheet
22Kb / 2P
Integrated Circuit TV Luminance Processor
logo
NXP Semiconductors
TDA9176 PHILIPS-TDA9176 Datasheet
91Kb / 16P
Luminance Transient Improvement LTI IC
1996 Jan 30
logo
NEC
UPC1401C NEC-UPC1401C Datasheet
832Kb / 10P
NTSC CHROMINANCE, LUMINANCE, SYNCHRONIZATION
logo
National Semiconductor ...
TBA560C NSC-TBA560C Datasheet
294Kb / 4P
LUMINANCE AND CHROMINANCE CONTROL COMBINATION
logo
List of Unclassifed Man...
TBA560C ETC1-TBA560C Datasheet
252Kb / 4P
LUMINANCE AND CHROMINANCE CONTROL COMBINATION
logo
NTE Electronics
NTE985 NTE-NTE985 Datasheet
87Kb / 3P
Integrated Circuit TV Luminance Processor
logo
Lumileds Lighting Compa...
LXZ2-2780-Y LUMILEDS-LXZ2-2780-Y Datasheet
2Mb / 23P
Breakthrough luminance, design flexibility
logo
Faraday Technology
FL626 FARADAY-FL626 Datasheet
61Kb / 2P
HYBRID LUMINANCE PRE-FILTER
logo
Ledil, Inc.
CS15071 LEDIL-CS15071 Datasheet
3Mb / 5P
Beam with excellent longitudinal luminance
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com