Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1648 Datasheet (PDF) - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
DS1648 Datasheet PDF - National Semiconductor (TI)
Part # DS1648
Download  DS1648 Download
File Size   120.87 Kbytes
Page   6 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description TRI-STATEÉ TTL to MOS Multiplexers/Drivers

DS1648 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1648 Datasheet PDF - National Semiconductor (TI)

Part # DS1648
Download  DS1648 Click to download

File Size   120.87 Kbytes
Page   6 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description TRI-STATEÉ TTL to MOS Multiplexers/Drivers

DS1648 Datasheet (HTML) - National Semiconductor (TI)


DS1648 Product details

General Description
The DS1648/DS3648 and DS1678/DS3678 are quad 2-input multiplexers with TRI-STATE outputs designed to drive
the large capacitive loads (up to 500 pF) associated with
MOS memory systems. A PNP input structure is employed
to minimize input currents so that driver loading in large
memory systems is reduced. The circuit employs Schottkyclamped transistors for high speed and TRI-STATE outputs
for bus operation.
The DS1648/DS3648 has a 15X resistor in series with the
outputs to dampen transients caused by the fast-switching
output. The DS1678/DS3678 has a direct, low impedance
output for use with or without an external resistor.

Features
Y TRI-STATE outputs interface directly with system-bus
Y Schottky-clamped for better ac performance
Y PNP inputs to minimize input loading
Y TTL compatible
Y High-speed capacitive load drivers
Y Built-in damping resistor (DS1648/DS3648 only)




Similar Part No. - DS1648

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1640 DALLAS-DS1640 Datasheet
84Kb / 4P
Personal Computer Power FET
logo
Maxim Integrated Produc...
DS1640 MAXIM-DS1640 Datasheet
79Kb / 4P
Personal Computer Power FET
111999
logo
Dallas Semiconductor
DS1640C DALLAS-DS1640C Datasheet
84Kb / 4P
Personal Computer Power FET
logo
Maxim Integrated Produc...
DS1640C MAXIM-DS1640C Datasheet
79Kb / 4P
Personal Computer Power FET
111999
logo
Dallas Semiconductor
DS1642 DALLAS-DS1642 Datasheet
138Kb / 11P
Nonvolatile Timekeeping RAM
More results


Similar Description - DS1648

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS1649 NSC-DS1649 Datasheet
140Kb / 6P
Hex TRI-STATEE TTL to MOS Drivers
DS75361 NSC-DS75361 Datasheet
142Kb / 6P
Dual TTL-to-MOS Driver
DM54LS251 NSC-DM54LS251 Datasheet
135Kb / 6P
TRI-STATE Data Selectors/Multiplexers
54LS253 NSC-54LS253 Datasheet
158Kb / 6P
TRI-STATE Data Selectors/Multiplexers
DS3628 NSC-DS3628 Datasheet
122Kb / 4P
Octal TRI-STATE MOS Drivers
logo
Hitachi Semiconductor
HD2916 HITACHI-HD2916 Datasheet
157Kb / 3P
Quadruple TTL-to-NMOS Clock Drivers
logo
Texas Instruments
DS1649 TI1-DS1649_11 Datasheet
390Kb / 8P
Hex TRI-STATE(RM) TTL to MOS Drivers
logo
National Semiconductor ...
DS7831 NSC-DS7831 Datasheet
148Kb / 8P
Dual TRI-STATEÉ Line Driver
February 1996
74LVT16652 NSC-74LVT16652 Datasheet
104Kb / 6P
3.3V ABT 16-Bit Transceiver/Register with TRI-STATEÉ Outputs
October 1995
MM54HC299 NSC-MM54HC299 Datasheet
143Kb / 6P
8-Bit TRI-STATEÉ Universal Shift Register
January 1988
More results




About National Semiconductor (TI)


National Semiconductor was an American semiconductor company that was founded in 1959.
The company was known for its innovations in the field of analog and mixed-signal integrated circuits and was a leading supplier of power management and data conversion products.
National Semiconductor's products were used in a variety of applications including consumer electronics, industrial, automotive, and telecommunications.
The company was acquired by Texas Instruments in 2011 and its products and technologies continue to be developed and sold under the Texas Instruments brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com