Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2045 Datasheet (PDF) - Maxim Integrated Products

MAX2045 Datasheet PDF - Maxim Integrated Products
Part # MAX2045
Download  MAX2045 Download
File Size   715.62 Kbytes
Page   21 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Gain Vector Multipliers

MAX2045 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX2045 Datasheet PDF - Maxim Integrated Products

Part # MAX2045
Download  MAX2045 Click to download

File Size   715.62 Kbytes
Page   21 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Gain Vector Multipliers

MAX2045 Datasheet (HTML) - Maxim Integrated Products


MAX2045 Product details

General Description
The MAX2045/MAX2046/MAX2047 low-cost, fully integrated vector multipliers alter the magnitude and phase of an RF signal. Each device is optimized for the UMTS (MAX2045), DCS/PCS (MAX2046), or cellular/GSM (MAX2047) frequency bands. These devices feature differential RF inputs and outputs.
The MAX2045/MAX2046/MAX2047 provide vector adjustment through the differential I/Q amplifiers. The I/Q amplifiers can interface with voltage and/or current digital-to-analog converters (DACs). The voltage inputs are designed to interface to a voltage-mode DAC, while the current inputs are designed to interface to a current mode DAC. An internal 2.5V reference voltage is provided for applications using single-ended voltage DACs.
The MAX2045/MAX2046/MAX2047 operate from a 4.75V to 5.25V single supply. All devices are offered in a compact 5mm ✕ 5mm, 32-lead thin QFN exposed-paddle packages.
The MAX2045/MAX2046/MAX2047 evaluation kits are available, contact factory for availability.

Features
♦ Multiple RF Frequency Bands of Operation
   2040MHz to 2240MHz (MAX2045)
   1740MHz to 2060MHz (MAX2046)
   790MHz to 1005MHz (MAX2047)
♦ ±0.2dB Gain Flatness
♦ ±1° Phase Flatness
♦ 3dB Control Bandwidth: 260MHz
♦ 15dBm Input IP3
♦ 15dB Gain Control Range
♦ Continuous 360° Phase Control Range
♦ 6.5dB Maximum Gain for Continuous Phase
♦ On-Chip Reference for Single-Ended
   Voltage-Mode Operation
♦ 800mW Power Consumption
♦ Space-Saving 5mm x 5mm Thin QFN Package
♦ Single 5V supply

Applications
   UMTS/PCS/DCS/Cellular/GSM Base Station
      Feed-Forward and Predistortion Power Amplifiers
   RF Magnitude and Phase Adjustment
   RF Cancellation Loops
   Beam-Forming Applications




Similar Part No. - MAX2045

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2045 MAXIM-MAX2045 Datasheet
571Kb / 10P
Fully Assembled and Tested
Rev 0a; 4/03
MAX20457 MAXIM-MAX20457 Datasheet
1Mb / 17P
High-Efficiency, 36V, Dual Synchronous Buck Converters (3.5A/2A) for Automotive Applications
Rev 3; 11/19
MAX20457ATIA MAXIM-MAX20457ATIA Datasheet
1Mb / 17P
High-Efficiency, 36V, Dual Synchronous Buck Converters (3.5A/2A) for Automotive Applications
Rev 3; 11/19
MAX20457ATIB MAXIM-MAX20457ATIB Datasheet
1Mb / 17P
High-Efficiency, 36V, Dual Synchronous Buck Converters (3.5A/2A) for Automotive Applications
Rev 3; 11/19
MAX20457ATIC MAXIM-MAX20457ATIC Datasheet
1Mb / 17P
High-Efficiency, 36V, Dual Synchronous Buck Converters (3.5A/2A) for Automotive Applications
Rev 3; 11/19
More results


Similar Description - MAX2045

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54167 TI-SN54167 Datasheet
296Kb / 8P
SYNCHRONOUS DECADE RATE MULTIPLIERS
logo
Electronic devices inc.
NVM-4X EDI-NVM-4X Datasheet
73Kb / 1P
NIGHT VISION MULTIPLIERS
NVM-6X EDI-NVM-6X Datasheet
78Kb / 1P
NIGHT VISION MULTIPLIERS
logo
Merrimac Industries, In...
VM-MCM-1.9G MERRIMAC-VM-MCM-1.9G Datasheet
142Kb / 2P
VECTOR MODULATOR
VMD-1Q-2.0G MERRIMAC-VMD-1Q-2.0G Datasheet
158Kb / 5P
VECTOR MODULATOR
logo
Spectrum Microwave, Inc...
X4-X8 SPECTRUM-X4-X8 Datasheet
180Kb / 1P
Frequency Multipliers
X15 SPECTRUM-X15 Datasheet
235Kb / 1P
Frequency Multipliers
X48 SPECTRUM-X48 Datasheet
190Kb / 1P
Frequency Multipliers
logo
Analog Devices
AD530 AD-AD530_15 Datasheet
2Mb / 6P
MULTIPLIERS DIVIDERS
AD531 AD-AD531_15 Datasheet
2Mb / 6P
MULTIPLIERS DIVIDERS
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com