Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

tc74act32f Datasheet (PDF) - Toshiba Semiconductor

tc74act32f Datasheet PDF - Toshiba Semiconductor
Part # tc74act32f
Download  tc74act32f Download
File Size   239.14 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC

tc74act32f Datasheet (PDF)

Go To PDF Page Download Datasheet
tc74act32f Datasheet PDF - Toshiba Semiconductor

Part # tc74act32f
Download  tc74act32f Click to download

File Size   239.14 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC

tc74act32f Datasheet (HTML) - Toshiba Semiconductor


tc74act32f Product details

QUAD 2-INPUT OR GATE

The TC74ACT32 is an advanced high speed CMOS 2-INPUT OR GATE fabricated with silicon gate and double-layer metal wiring C2MOS technology.
It achieves the high speed operation similar to equivalent Bipolar Schottky TTL while maintaining the CMOS low power dissipation.
This device may be used as a level converter for interfacing TTL or NMOS to High Speed CMOS. The inputs are compatible with TTL, NMOS and CMOS output voltage levels.
All inputs are equipped with protection circuits against static discharge or transient excess voltage.

Features
• High speed • • • • • • • • • • • • • • • • • • • • • • tpd = 4.5 ns (typ.) at VCC = 5 V
• Low power dissipation:  • • • •• • • • • • • • • • ICC = 4 μA (max) at Ta = 25°C
• Compatible with TTL outputs:  • • • • • • • • • VIL = 0.8 V (max) VIH = 2.0 V (min)
• Symmetrical output impedance: |IOH| = IOL = 24 mA (min) Capability of driving 50 Ω transmission lines.
• Balanced propagation delays: • • • • • • • • •• tpLH ∼ = tpHL
• Pin and function compatible with 74F32




Similar Part No. - tc74act32f

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74ACT32F TOSHIBA-TC74ACT32F Datasheet
247Kb / 6P
TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74ACT32FN TOSHIBA-TC74ACT32FN Datasheet
247Kb / 6P
TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74ACT32FT TOSHIBA-TC74ACT32FT Datasheet
247Kb / 6P
TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
More results


Similar Description - tc74act32f

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MH175FK TOSHIBA-TC7MH175FK Datasheet
149Kb / 7P
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC83220-0020 TOSHIBA-TC83220-0020 Datasheet
224Kb / 16P
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7PA05FU TOSHIBA-TC7PA05FU Datasheet
181Kb / 8P
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7SET125F TOSHIBA-TC7SET125F Datasheet
176Kb / 6P
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7SG00AFS TOSHIBA-TC7SG00AFS Datasheet
175Kb / 6P
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74LVX125FTELM TOSHIBA-TC74LVX125FTELM Datasheet
190Kb / 7P
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10DPU TOSHIBA-TCS10DPU_14 Datasheet
162Kb / 6P
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10SLU TOSHIBA-TCS10SLU_14 Datasheet
217Kb / 6P
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS11NLU TOSHIBA-TCS11NLU_14 Datasheet
199Kb / 6P
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS40DLR TOSHIBA-TCS40DLR Datasheet
219Kb / 7P
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
2015-04-03
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com