Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB05F Datasheet (PDF) - HY ELECTRONIC CORP.

MB05F Datasheet PDF - HY ELECTRONIC CORP.
Part # MB05F
Download  MB05F Download
File Size   165.98 Kbytes
Page   3 Pages
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.
Description GLASS PASSIVATED 3 PHASE BRIDGE RECTIFIERS

MB05F Datasheet (PDF)

Go To PDF Page Download Datasheet
MB05F Datasheet PDF - HY ELECTRONIC CORP.

Part # MB05F
Download  MB05F Click to download

File Size   165.98 Kbytes
Page   3 Pages
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.
Description GLASS PASSIVATED 3 PHASE BRIDGE RECTIFIERS

MB05F Datasheet (HTML) - HY ELECTRONIC CORP.


MB05F Product details

REVERSE VOLTAGE - 50 to 1000 Volts
FORWARD CURRENT - 0.8 Ampere

FEATURES
● Glass passivated die construction
● Low forward voltage drop
● High current capability
● High surge current capability
● Designed for surface mount application
● Plastic material-UL flammability 94V-0

MECHANICAL DATA
● Case: MB-F, molded plastic
● Terminals: plated leads solderable per MIL-STD-202, Method 208
● Polarity: as marked on case
● Mounting position :Any
● Marking: type number
● Lead Free: For RoHS / Lead Free Version




Similar Part No. - MB05F

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
MB05F PACELEADER-MB05F Datasheet
241Kb / 2P
Miniature Glass Passivated Single-Phase Surface Mount Flat Bridge Rectifier
logo
Shenzhen Ping Sheng Ele...
MB05F PFS-MB05F Datasheet
588Kb / 2P
Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
logo
Shenzhen Luguang Electr...
MB05F LUGUANG-MB05F Datasheet
183Kb / 2P
Silicon Bridge Rectifiers
logo
Formosa MS
MB05F FORMOSA-MB05F Datasheet
197Kb / 2P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Guangdong Juxing Electr...
MB05F JUXING-MB05F Datasheet
940Kb / 2P
Miniature Glas Passivated Single-Phase
More results


Similar Description - MB05F

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
KBP3005G HY-KBP3005G Datasheet
143Kb / 3P
GLASS PASSIVATED 3 PHASE BRIDGE RECTIFIERS
SBR3500GW HY-SBR3500GW Datasheet
155Kb / 3P
GLASS PASSIVATED 3 PHASE BRIDGE RECTIFIERS
SBR3508G HY-SBR3508G Datasheet
152Kb / 3P
GLASS PASSIVATED 3 PHASE BRIDGE RECTIFIERS
SH50VB80 HY-SH50VB80 Datasheet
133Kb / 2P
GLASS PASSIVATED 3 PHASE BRIDGE RECTIFIERS
SBR5000G HY-SBR5000G Datasheet
179Kb / 3P
GLASS PASSIVATED 3 PHASE BRIDGE RECTIFIERS
logo
Comchip Technology
SC35VB160-G COMCHIP-SC35VB160-G Datasheet
187Kb / 2P
Glass Passivated 3 Phase Bridge Rectifiers
logo
HY ELECTRONIC CORP.
SBR35GW HY-SBR35GW Datasheet
363Kb / 3P
Glass Passivated 3 Phase Bridge Rectifiers
SC50VB80 HY-SC50VB80_V01 Datasheet
361Kb / 3P
Glass Passivated 3 Phase Bridge Rectifiers
SH50VBW HY-SH50VBW Datasheet
341Kb / 3P
Glass Passivated 3 Phase Bridge Rectifiers
SMT50GW HY-SMT50GW Datasheet
376Kb / 3P
Glass Passivated 3 Phase Bridge Rectifiers
More results




About HY ELECTRONIC CORP.


HY Electronic Corp, also known as HY Electronic, is a Taiwanese company that specializes in the manufacturing and distribution of electronic components. The company was founded in 1982 and is headquartered in Taipei, Taiwan. HY Electronic offers a wide range of products, including passive components (resistors, capacitors, and inductors), magnetic components (transformers, inductors, and chokes), connectors, and cables.

The company has a global presence, with offices and manufacturing facilities in Taiwan, China, and the United States. HY Electronic is known for its high-quality products and has a reputation for providing excellent customer service. The company's products are used in a variety of applications, including consumer electronics, automotive, telecommunications, and industrial automation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com