Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMM4F12A Datasheet (PDF) - STMicroelectronics

SMM4F12A Datasheet PDF - STMicroelectronics
Part # SMM4F12A
Download  SMM4F12A Download
File Size   625.77 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Unidirectional type

SMM4F12A Datasheet (PDF)

Go To PDF Page Download Datasheet
SMM4F12A Datasheet PDF - STMicroelectronics

Part # SMM4F12A
Download  SMM4F12A Click to download

File Size   625.77 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Unidirectional type

SMM4F12A Datasheet (HTML) - STMicroelectronics


SMM4F12A Product details

Description
The SMM4F Transil serie has been designed to protect sensitive equipment against electro-static discharges according to IEC 61000-4-2, MIL STD 883 Method 3015, and electrical over stress such as IEC 61000-4-4 and 5. They are generally for surges below 400 W 10/1000 μs. This planar technology makes it compatible with high-end equipment and SMPS where low leakage current and high junction temperature are required to provide reliability and stability over time. Their low clamping voltages provide a better safety margin to protect sensitive circuits with extended life time expectancy.




Similar Part No. - SMM4F12A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMM4F12A STMICROELECTRONICS-SMM4F12A Datasheet
112Kb / 10P
High junction temperature Transil
19-Dec-2007
logo
Shanghai Shunye Electro...
SMM4F12A SHUNYE-SMM4F12A Datasheet
285Kb / 5P
Stand off voltage range - from 5 V to 33 V
logo
STMicroelectronics
SMM4F12AVCL STMICROELECTRONICS-SMM4F12AVCL Datasheet
89Kb / 7P
400 W low clamping voltage Transil?
13-Sep-2011
More results


Similar Description - SMM4F12A

ManufacturerPart #DatasheetDescription
logo
GE Solid State
SGT03U13 GESS-SGT03U13 Datasheet
81Kb / 3P
Unidirectional Transient
logo
Microsemi Corporation
SLVU2.8K MICROSEMI-SLVU2.8K Datasheet
235Kb / 3P
UNIDIRECTIONAL TVSarray
logo
Shanghai Semitech Semic...
ESD5Z5V SEMITECH-ESD5Z5V Datasheet
122Kb / 3P
Unidirectional Configurations
ESD9X3V3 SEMITECH-ESD9X3V3 Datasheet
201Kb / 3P
Unidirectional Configurations
PSR05 SEMITECH-PSR05 Datasheet
214Kb / 3P
Unidirectional Configuration
SD05 SEMITECH-SD05 Datasheet
169Kb / 4P
Unidirectional Configurations
SD05C SEMITECH-SD05C Datasheet
126Kb / 3P
Unidirectional Configurations
SD05H SEMITECH-SD05H Datasheet
155Kb / 4P
Unidirectional Configurations
logo
STMicroelectronics
ESDA18-1F4 STMICROELECTRONICS-ESDA18-1F4 Datasheet
284Kb / 8P
Unidirectional device
24-Oct-2012
logo
ON Semiconductor
NSPM5131 ONSEMI-NSPM5131 Datasheet
69Kb / 4P
Unidirectional ESD
November, 2016 ??Rev. 1
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com