Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCD22X0 Datasheet (PDF) - STMicroelectronics

STCD22X0 Datasheet PDF - STMicroelectronics
Part # STCD22X0
Download  STCD22X0 Download
File Size   1948.2 Kbytes
Page   39 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Multichannel clock distribution circuit

STCD22X0 Datasheet (PDF)

Go To PDF Page Download Datasheet
STCD22X0 Datasheet PDF - STMicroelectronics

Part # STCD22X0
Download  STCD22X0 Click to download

File Size   1948.2 Kbytes
Page   39 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Multichannel clock distribution circuit

STCD22X0 Datasheet (HTML) - STMicroelectronics


STCD22X0 Product details

Features
■ 2, 3 or 4 output buffered clock distribution
■ Single-ended square wave (or sine wave) clock input
■ Rail-to-rail (0 V to VTCXO) square wave output
■ Individual enable pin for each output
■ 1.8 V, high PSRR LDO for external clock source voltage supply (VTCXO)
■ No AC coupling capacitor needed
■ Ultra-low phase noise and standby current
■ Common system clock request, open drain, active low
■ Clock enable signal polarities factory programmable (STCD23x0)
■ Option pins allow clock enable polarities to be user configurable (STCD22x0 and STCD24x0)
■ High isolation output-to-output & output-to-input
■ 2.5 V to 5.1 V battery supply voltage
■ 40 pF max load driving capability per output
■ Available in chip scale package (CSP)
■ Operating temperature : –20 °C to 85 °C

Applications
■ Multimode RF clock reference
■ Baseband peripheral device clock reference
■ Mobile Internet Devices (MIDs) Flip Chip (12-bump, 16-bump)




Similar Part No. - STCD22X0

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STCD22-0 STMICROELECTRONICS-STCD22-0 Datasheet
1Mb / 39P
Multichannel clock distribution circuit
11-Jan-2010
logo
Zowie Technology Corpor...
STCD22AH ZOWIE-STCD22AH Datasheet
83Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STCD22CAH ZOWIE-STCD22CAH Datasheet
83Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Similar Description - STCD22X0

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STCD1020 STMICROELECTRONICS-STCD1020 Datasheet
1Mb / 40P
Multi-channel clock distribution circuit
08-May-2008
logo
Integrated Device Techn...
IDT6P30006A IDT-IDT6P30006A Datasheet
241Kb / 12P
CLOCK DISTRIBUTION CIRCUIT
IDT6T39007A IDT-IDT6T39007A Datasheet
282Kb / 15P
CLOCK DISTRIBUTION CIRCUIT
logo
STMicroelectronics
STCD1020 STMICROELECTRONICS-STCD1020_10 Datasheet
2Mb / 40P
Multichannel clock distribution circuit
14-May-2010
STCD2400 STMICROELECTRONICS-STCD2400 Datasheet
1Mb / 39P
Multichannel clock distribution circuit
11-Jan-2010
STCD2400F35F STMICROELECTRONICS-STCD2400F35F Datasheet
1Mb / 39P
Multichannel clock distribution circuit
11-Jan-2010
logo
Semtech Corporation
SK10EL15WD SEMTECH-SK10EL15WD Datasheet
94Kb / 4P
1:4 Clock Distribution
logo
Renesas Technology Corp
ISL3280E RENESAS-ISL3280E Datasheet
944Kb / 16P
Clock distribution
IDT6P30006A RENESAS-IDT6P30006A Datasheet
273Kb / 13P
CLOCK DISTRIBUTION CIRCUIT
061711
IDT6T39007A RENESAS-IDT6T39007A Datasheet
303Kb / 17P
CLOCK DISTRIBUTION CIRCUIT
022212
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com