Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMUX1800E Datasheet (PDF) - STMicroelectronics

STMUX1800E Datasheet PDF - STMicroelectronics
Part # STMUX1800E
Download  STMUX1800E Download
File Size   322.32 Kbytes
Page   26 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 16-bit to 8-bit MUX/DEMUX for gigabit Ethernet LAN switch with LED switch and enhanced ESD protection

STMUX1800E Datasheet (PDF)

Go To PDF Page Download Datasheet
STMUX1800E Datasheet PDF - STMicroelectronics

Part # STMUX1800E
Download  STMUX1800E Click to download

File Size   322.32 Kbytes
Page   26 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 16-bit to 8-bit MUX/DEMUX for gigabit Ethernet LAN switch with LED switch and enhanced ESD protection

STMUX1800E Datasheet (HTML) - STMicroelectronics


STMUX1800E Product details

Description
The STMUX1800E is a 16 to 8-bit multiplexer/ demultiplexer low RON bidirectional LAN switch designed for various standards, such as 10/100/1000 Ethernet. It is designed for very low crosstalk, low bit-to-bit skew and low I/O capacitance. The differential signal from the Gigabit Ethernet transceiver is multiplexed into one of two selected outputs while the unselected switch goes to Hi-Z status. The device integrates three SPDT (single pole dual throw) switches, for LED support. The device can be put into low power mode consuming minimum power.

Features
■ Low RON: 4.0 Ω typical
■ VCC operating range: 3.0 to 3.6 V
■ Enhanced ESD protection: > 8 kV (contact) and 15 kV (HBM)
■ Low power mode for minimum power consumption
■ Channel on capacitance: 9.5 pF typical
■ Switching time speed: 9 ns
■ Near to zero propagation delay: 250 ps
■ Very low crosstalk: -45 dB at 250 MHz
■ Bit-to-bit skew: 200 ps
■ > 600 MHz -3 dB typical bandwidth (or data frequency)
■ Three SPDT switches for LED support
■ Rail-to-rail switching on data I/O ports (0 V to 5 V)

Applications
■ 10/100/1000 Mbit Ethernet switching
■ Audio/video switching




Similar Part No. - STMUX1800E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STMUX1800L STMICROELECTRONICS-STMUX1800L Datasheet
509Kb / 21P
16- to 8-bit MUX/DEMUX for gigabit Ethernet LAN switch with LED switch and enhanced ESD protection
22-Jun-2009
STMUX1800LQTR STMICROELECTRONICS-STMUX1800LQTR Datasheet
509Kb / 21P
16- to 8-bit MUX/DEMUX for gigabit Ethernet LAN switch with LED switch and enhanced ESD protection
22-Jun-2009
More results


Similar Description - STMUX1800E

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3L301D PERICOM-PI3L301D Datasheet
426Kb / 9P
3.3V, 16-Bit to 8-Bit, Mux/DeMux Gigabit Ethernet LAN Switch with Single Enable
logo
Texas Instruments
TS3L500 TI-TS3L500 Datasheet
330Kb / 15P
16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH
logo
Pericom Semiconductor C...
PI3L500-A PERICOM-PI3L500-A Datasheet
433Kb / 7P
3.3V, 8-Channel, 2:1 Mux/DeMux Gigabit Ethernet LAN Switch with Single Enable and Enhanced ESD Protection
logo
Texas Instruments
TS3L500AE TI-TS3L500AE Datasheet
579Kb / 19P
16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH AND ENHANCED ESD PROTECTION
TS3L500AE TI-TS3L500AE_08 Datasheet
476Kb / 17P
16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH AND ENHANCED ESD PROTECTION
TS3L500AE TI-TS3L500AE_10 Datasheet
458Kb / 17P
16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH AND ENHANCED ESD PROTECTION
TS3L500 TI-TS3L500_10 Datasheet
663Kb / 19P
16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH
logo
Pericom Semiconductor C...
PI3L301D PERICOM-PI3L301D_13 Datasheet
511Kb / 8P
3.3V, 16-Bit to 8-Bit, Mux/DeMux Gigabit Ethernet LAN Switch with Single Enable
PI3L500-A PERICOM-PI3L500-A_10 Datasheet
466Kb / 7P
3.3V, 8-Channel, 2:1 Mux/DeMux Gigabit Ethernet LAN Switch with Single Enable and Enhanced ESD Protection
logo
STMicroelectronics
STMUX1800L STMICROELECTRONICS-STMUX1800L Datasheet
509Kb / 21P
16- to 8-bit MUX/DEMUX for gigabit Ethernet LAN switch with LED switch and enhanced ESD protection
22-Jun-2009
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com